Electronic Components Datasheet Search
Selected language     English  ā–¼


MN6475A Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part No. MN6475A
Description  D/A Converter for Digital Audio Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 3 page
background image
For Audio Equipment
MN6475A
Pin Descriptions
Pin No.
Symbol
Function Description
1
LRCLK
LRCLK input pin. "H" level; left channel data input
"L" level; right channel data
2
BCLK
Bit clock input pin for serial data
3
SRDATA
Serial data input pin
4
COT 1
L
L
Left channel
H
Right channel
H
Output with
Stereo output
output only
output only
channels
5
COT2
LHLH
reversed
6
TEST
LSI test mode pin.
Keep this pin at "L" level.
7VDD
Power supply pin for digital circuits (+5V)
8
X2
Crystal oscillator pin
9
X1
Crystal oscillator pin (external clock input pin)
10
VSS
Ground pin for digital circuits (0V)
11
VDDL
Power supply pin for left channel analog circuits (+5V)
12
OUTL
Left channel analog signal output pin
13
VSSL
Ground pin for left channel analog circuits (0V)
14
VSSR
Ground pin for right channel analog circuits (0V)
15
OUTR
Right channel analog signal output pin
16
VDDR
Power supply pin for right channel digital circuits (+5V)
17
RSTB
Reset pin (Active low).
Pull this pin low once after applying the power.
18
PWML
LSI test output pin.
Leave this pin open.
19
TP
Input/Output pin for LSI test mode.
Keep this pin at "L" level.
20
WVEL
Internal operation mode selection pin
21
DEMPH
Digital De-emphasis ON/OFF pin.
ON at "H" level.
22
CSEL
Clock frequency selection pin for COUT pin output.
"L" level; 1/4 clock frequency from crystal oscillator or external clock signal
"H" level; 1/2 clock frequency
23
COUT
Frequency-divided clock output
24
XOUT
Output using frequency from crystal oscillator or external clock signal




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MN6474AD/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
MN35502D/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
MN35503D/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
MN6460AA/D Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
CS432818-Bit Stereo D/A Converter for Digital Audio 1 2 3 4 5 MoreCirrus Logic
MN88831PCM Audio Decoder LSI for Satellite Broadcasting Tuners Includes Built-In Digital Filter and D/A Converter 1 2 3 4 5 MorePanasonic Semiconductor
TORX176FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO EQUIPMENT 1 2 3 4 5 MoreToshiba Semiconductor
LC788618-Bit A/D Converter for Digital Audio Applications 1 2 3 4 5 MoreSanyo Semicon Device
SM5865BMD/A Converter for Digital Audio 1 2 3 4 5 MoreNippon Precision Circuits Inc
GP1F351TOptical Mini-Jack for Digital Audio Equipment 1 2 3 4 5 MoreSharp Electrionic Components

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl