Electronic Components Datasheet Search
Selected language     English  Ôľ╝


MN6475A Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part No. MN6475A
Description  D/A Converter for Digital Audio Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 4 page
background image
MN6475A
For Audio Equipment
Conversion Characteristics
VDD=5.0V, VSS=0V, f=33.8688MHz, Ta=25˚C
Parameter
Symbol
Test Conditions
min
typ
max
Unit
Analog characteristics *1
Signal-to-noise ratio
S/N
EIAJ
97
104
dB
dB
Dynamic range
D.R.
EIAJ
90
97
dB
Total harmonic distortion
THD+N
EIAJ
0.003
0.006
%
Crosstalk
EIAJ
84
100
dB
Output level 1 *2
1kHz F.S.
2.0
2.3
2.6
Vrms
Output level 2 *3
1kHz F.S.
1.0
1.2
1.4
Vrms
Notes
*1: These analog characteristics are based on measurements in the application circuit example next page.
*2: This level is measured at point B in that circuit.
*3: This level is measured at point A (LSI output pin) in that circuit.




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MN6474AD/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
MN35502D/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
MN35503D/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
MN6460AA/D Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
CS432818-Bit Stereo D/A Converter for Digital Audio 1 2 3 4 5 MoreCirrus Logic
MN88831PCM Audio Decoder LSI for Satellite Broadcasting Tuners Includes Built-In Digital Filter and D/A Converter 1 2 3 4 5 MorePanasonic Semiconductor
TORX176FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO EQUIPMENT 1 2 3 4 5 MoreToshiba Semiconductor
LC788618-Bit A/D Converter for Digital Audio Applications 1 2 3 4 5 MoreSanyo Semicon Device
SM5865BMD/A Converter for Digital Audio 1 2 3 4 5 MoreNippon Precision Circuits Inc
GP1F351TOptical Mini-Jack for Digital Audio Equipment 1 2 3 4 5 MoreSharp Electrionic Components

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl