Electronic Components Datasheet Search
Selected language     English  â–¼


MN6475A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. MN6475A
Description  D/A Converter for Digital Audio Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 1 page
background image
For Audio Equiment
Overview
The MN6475A is a CMOS digital-to-analog converter
by noise shaping technology and is designed for PCM
digital audio equipment. It features a built-in 4 times
oversampling and 16-bit input digital filter.
It includes a digital de-emphasis circuit and analog post
filter to reduce the parts count and power consumption
of the overall D/A conversion system.
And also it includes two noise-shaping 1-bit D/A con-
verters, one each for the left and right channels.
Features
Built-in 4 times oversampling digital filter
(Bandwidth ripple of
±0.051dB and attenuation
of 47.99dB dB)
Built-in second order analog post filter with a cutoff
frequency of 100 kHz
Built-in digital de-emphasis circuit with a deviation
between +0.47 dB and – 0.07 dB
Choice of normal or double-speed playback
Built-in overflow limiter
No zero cross distortion
Sample-and-hold circuit is unnecessary
Choice of 768fs or 384fs operation
Single 5V power supply
Applications
CD players and other digital audio equipment
MN6475A
D/A Converter for Digital Audio Equipment
Pin Assignment
SOP024-P-0375
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
LRCLK
BCLK
SRDATA
COT1
COT2
TEST
VDD
X2
X1
VSS
VDDL
OUTL
XOUT
COUT
CSEL
DEMPH
WVEL
TP
PWML
RSTB
VDDR
OUTR
VSSR
VSSL




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MN6474AD/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
MN35502D/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
MN35503D/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
MN6460AA/D Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
CS432818-Bit Stereo D/A Converter for Digital Audio 1 2 3 4 5 MoreCirrus Logic
MN88831PCM Audio Decoder LSI for Satellite Broadcasting Tuners Includes Built-In Digital Filter and D/A Converter 1 2 3 4 5 MorePanasonic Semiconductor
TORX176FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO EQUIPMENT 1 2 3 4 5 MoreToshiba Semiconductor
LC788618-Bit A/D Converter for Digital Audio Applications 1 2 3 4 5 MoreSanyo Semicon Device
SM5865BMD/A Converter for Digital Audio 1 2 3 4 5 MoreNippon Precision Circuits Inc
GP1F351TOptical Mini-Jack for Digital Audio Equipment 1 2 3 4 5 MoreSharp Electrionic Components

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl