Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GHT5V040MHERGT003 Datasheet(PDF) 5 Page - Galaxy Power, Inc.

Part # GHT5V040MHERGT003
Description  TAURUS HC Series Industry?셲 Highest Efficiency DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GHT5V040MHERGT003 Datasheet(HTML) 5 Page - Galaxy Power, Inc.

  GHT5V040MHERGT003 Datasheet HTML 1Page - Galaxy Power, Inc. GHT5V040MHERGT003 Datasheet HTML 2Page - Galaxy Power, Inc. GHT5V040MHERGT003 Datasheet HTML 3Page - Galaxy Power, Inc. GHT5V040MHERGT003 Datasheet HTML 4Page - Galaxy Power, Inc. GHT5V040MHERGT003 Datasheet HTML 5Page - Galaxy Power, Inc. GHT5V040MHERGT003 Datasheet HTML 6Page - Galaxy Power, Inc. GHT5V040MHERGT003 Datasheet HTML 7Page - Galaxy Power, Inc. GHT5V040MHERGT003 Datasheet HTML 8Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Taurus HC Series, Page 5
Part No. 01–001 Rev. 4.0_082803
WWW.GALAXYPWR.COM
GHTW3V360 OPERATION
Power Dissipation
Load Current (A)
Ambient Air Temperature (deg C)
Start-up Waveform
Thermal Derating Curves
GHTW3V360 Heatsink Ready
1
2
Ch1 1.00mV
Ch2
5.00 V
B
W
M 4.00ms A
Ch2
3.00V
T
Ch1 Max
2.324V
Ch1 +Over
1.042%
Ch1 High
2.300V
10
20
30
40
50
60
70
80
90
60
50
40
30
20
10
0
y
100 LFM
200 LFM
300 LFM
400 LFM
600 LFM
30
25
20
15
10
5
0
010
20
30
40
50
60
36V
48V
75V
94
92
90
88
86
84
82
80
010
20
30
40
50
60
36V
48V
75V
20.0mV
438
Vout
Ch1 Pk–Pk
104.0mV
Ch1 RMS
16.38mV
[]
Efficiency
Load Current (A)
Voltage Ripple
Transient Response
Vout
20A
Iout
10A
Vout
Enable


Similar Part No. - GHT5V040MHERGT003

ManufacturerPart #DatasheetDescription
logo
Good Will Instrument Co...
GHT-117 GWINSTEK-GHT-117 Datasheet
387Kb / 1P
   High Voltage Adapter Box
logo
Japan Aviation Electron...
GHT21-0730-2 JAE-GHT21-0730-2 Datasheet
856Kb / 9P
   Antenna
2021/10/10
GHT21-0731-2 JAE-GHT21-0731-2 Datasheet
666Kb / 9P
   Antenna
2021/10/10
GHT21-0732-2 JAE-GHT21-0732-2 Datasheet
617Kb / 10P
   Antenna
2021/10/10
GHT21-0733-2 JAE-GHT21-0733-2 Datasheet
617Kb / 10P
   Antenna
2021/10/10
More results

Similar Description - GHT5V040MHERGT003

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MJWI20 MINMAX-MJWI20 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
MKW40 MINMAX-MKW40 Datasheet
456Kb / 9P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI40 MINMAX-MKWI40 Datasheet
413Kb / 8P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MJW25 MINMAX-MJW25_15 Datasheet
806Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density
MJWI20 MINMAX-MJWI20_15 Datasheet
844Kb / 10P
   DC/DC CONVERTER 20W, Highest Power Density
MKWI40 MINMAX-MKWI40_15 Datasheet
936Kb / 12P
   DC/DC CONVERTER 40W, Highest Power Density
MJW25 MINMAX-MJW25 Datasheet
374Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com