Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66006P Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M66006P
Description  12-BIT I/O EXPANDER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66006P Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M66006P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66006P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66006P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66006P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66006P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
MITSUBISHI
〈DIGITAL ASSP〉
M66006P/FP
12-BIT I/O EXPANDER
FUNCTION
The M66006 realizes low power dissipation and high noise
immunity by applying silicon CMOS process.
Because a 12-bit serial-parallel shift register and a 12-bit par-
allel-serial shift register are independently built in this IC, it is
possible to read serial input data while converting parallel
data into serial data.
When CS changes from “H” to “L”, serial output of 12-bit par-
allel data and read of serial data from the MCU start. That is,
12-bit parallel data is latched at the falling edge of CS, syn-
chronized with the falling edge of shift clock, and then output
to serial output pin DO as serial data. At the same time, serial
data from the MCU is read to the internal shift register at the
rising edge of shift clock. The shift clock on and after 13th bit
is neglected and pin DO is put in the high impedance state
when the reading operation is masked. When CS changes
from “L” to “H”, 12-bit serial data read into pin DI is output to
parallel output pins from D1 to D12.
Because the output form of parallel output pins is N-channel
open drain output, “H” must be written to the pin to set to in-
put mode.
DESCRIPTION OF OPERATION
(1) When power is supplied, pins DO and from D1 to D12 are
in undefined state. When S changes to “L”, those pins are
in high impedance state.
(2) At the falling edge of CS, the status of pins from D1 to D12
is loaded to shift register
!.
(3) At the falling edge of CLK, data which is loaded as above
(2) is output to pin DO as 12-bit serial data in order.
(4) At the rising edge of CLK, 12-bit serial data is written from
DI to shift register
@.
(5) CLK on and after the 13th bit is neglected and writing of
serial data is not possible. Also, DO is put in the high im-
pedance state.
(6) At the rising edge of CS, the data which is written as men-
tioned in (4) is output to pins from D1 to D12.
(7) Shift register
! loads the data applied externally and the
AND-tie data latched by the parallel output latch.
(8) When CS rises before CLK reaches the 12th bit, the paral-
lel output latch latches the data which has been written to
shift register
@ and outputs it to pins from D1 to D12. In
this case, shift registers
! and @ continues the shift op-
eration and DO outputs serial data until CLK reaches the
12th bit.
(9) Switching of I/O mode of pins from D1 to D12 is controlled
by the serial data which is input to pin DI. Pins to which “H”
is written operates as input pins.
OPERATION TIMING DIAGRAM
1
CLK
CS
S
L
H
DO1
DO2
DO3
DO4
DO5
DO6
DO7
DO8
DO9
DO10
DO11
DO12
DI1
DI
DO
DI1
DI2
DI12
D1
D2
DI2
DO1
DO2
DO12
DI2
DI3
DI4
DI5
DI6
DI7
DI8
DI9
DI10
DI11
DI12
23456789
10
11
12
13
(2)
(4)
(6)
(3)
(5)
(6)
(1)
High impedance
1 cycle


Similar Part No. - M66006P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66006P RENESAS-M66006P Datasheet
1Mb / 6P
   12-BIT I/O EXPANDER
More results

Similar Description - M66006P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
   12-bit I/O EXPANDER
logo
Renesas Technology Corp
M66006P RENESAS-M66006P Datasheet
1Mb / 6P
   12-BIT I/O EXPANDER
R8A66150SP RENESAS-R8A66150SP Datasheet
429Kb / 8P
   12-BIT I/O EXPANDER
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
M66010FP RENESAS-M66010FP Datasheet
1Mb / 6P
   24-BIT I/O EXPANDER
logo
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
   16-BIT I/O EXPANDER
logo
Renesas Technology Corp
R8A66151SP RENESAS-R8A66151SP Datasheet
432Kb / 8P
   24-BIT I/O EXPANDER
logo
Mitsubishi Electric Sem...
M66010FP MITSUBISHI-M66010FP Datasheet
65Kb / 5P
   24-BIT I/O EXPANDER
logo
Renesas Technology Corp
R8A66152SP RENESAS-R8A66152SP Datasheet
439Kb / 8P
   12-BIT I/O EXPANDER WITH LED DRIVE FUNCTION
logo
Texas Instruments
PCF8574A TI1-PCF8574A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Remote 8-Bit I/O Expander
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com