Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPTC2V540MHSRGT001 Datasheet(PDF) 3 Page - Galaxy Power, Inc.

Part # GPTC2V540MHSRGT001
Description  TAURUS Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPTC2V540MHSRGT001 Datasheet(HTML) 3 Page - Galaxy Power, Inc.

  GPTC2V540MHSRGT001 Datasheet HTML 1Page - Galaxy Power, Inc. GPTC2V540MHSRGT001 Datasheet HTML 2Page - Galaxy Power, Inc. GPTC2V540MHSRGT001 Datasheet HTML 3Page - Galaxy Power, Inc. GPTC2V540MHSRGT001 Datasheet HTML 4Page - Galaxy Power, Inc. GPTC2V540MHSRGT001 Datasheet HTML 5Page - Galaxy Power, Inc. GPTC2V540MHSRGT001 Datasheet HTML 6Page - Galaxy Power, Inc. GPTC2V540MHSRGT001 Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Taurus Series, Page 3
WWW.GALAXYPWR.COM
Part No. 99–001 Rev. 5.0–090803
CoolConverterFamily
Galaxy’s COOLCONVERTERFamily features:
•Patented single-stage power conversion architecture, control,
and magnetic design allow unprecedented power density and
efficiency in an isolated power supply.
• An advanced microcontroller reduces parts count while
adding features, performance, and flexibility in the design.
•Low common-mode noise as a result of lower capacitance in
the transformer compared to planar magnetics and metal
baseplate designs.
• Higher reliability than planar transformer designs that can
suffer from via fatigue from thermal cycling, and metal
baseplate designs with board to board interconnects that are
subject to mechanical stress on electrical connections.
Application Notes
Protection and Control
Valid Input Voltage Range:
The converter measures the input voltage and will
not allow operation outside of the input voltage
specification. As shown by the graphs, hysteresis is
added to both the high and low voltage to prevent
the converter from turning on and off repeatedly
when the voltage is held near either voltage
extreme. At low line this assures the maximum
input current is not exceeded; at high line this
assures the semiconductor devices in the converter
are not damaged by excessive voltage stress.
ON/OFF Logic Option:
The ON/OFF control logic can be either Negative
(standard) or Positive to enable the converter. For
Negative logic, the ON/OFF pin is brought below
1.0V with respect to the –INPUT pin to enable the
converter. The pull-down must be able to sink
100
µA. For Positive logic, the ON/OFF pin is
brought to greater than 4.0V with respect to the
–INPUT pin and be limited to less than 10V. To
request the Positive logic version, add the suffix (P)
to the standard part number. The ON/OFF pin has a
built-in pull-up resistor of approximately 100k
Ω to
+5V.
70
35
72
36
74
37
76
38
78
39
80
40
48Vin:
24Vin:
30
15
32
16
34
17
36
18
38
19
40
20
48Vin:
24Vin:


Similar Part No. - GPTC2V540MHSRGT001

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
GPTCLS01 CHERRY-GPTCLS01 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
logo
ZF Friedrichshafen AG
GPTCLS01 ZFSWITCHES-GPTCLS01 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
logo
Cherry Semiconductor Co...
GPTCLS11 CHERRY-GPTCLS11 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
logo
ZF Friedrichshafen AG
GPTCLS11 ZFSWITCHES-GPTCLS11 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
logo
Cherry Semiconductor Co...
GPTCNC11 CHERRY-GPTCNC11 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
More results

Similar Description - GPTC2V540MHSRGT001

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GHTW5V040 GALAXY-GHTW5V040 Datasheet
910Kb / 8P
   TAURUS HC Series Industry?셲 Highest Efficiency DC/DC Converter
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com