Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPTW5V030SHSRGT001 Datasheet(PDF) 7 Page - Galaxy Power, Inc.

Part # GPTW5V030SHSRGT001
Description  TAURUS Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPTW5V030SHSRGT001 Datasheet(HTML) 7 Page - Galaxy Power, Inc.

  GPTW5V030SHSRGT001 Datasheet HTML 1Page - Galaxy Power, Inc. GPTW5V030SHSRGT001 Datasheet HTML 2Page - Galaxy Power, Inc. GPTW5V030SHSRGT001 Datasheet HTML 3Page - Galaxy Power, Inc. GPTW5V030SHSRGT001 Datasheet HTML 4Page - Galaxy Power, Inc. GPTW5V030SHSRGT001 Datasheet HTML 5Page - Galaxy Power, Inc. GPTW5V030SHSRGT001 Datasheet HTML 6Page - Galaxy Power, Inc. GPTW5V030SHSRGT001 Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Taurus Series, Page 7
WWW.GALAXYPWR.COM
Part No. 99–001 Rev. 5.0–090803
**T (Tuned Model) Option
Designed for higher di/dt and
∆I applications, the
transient response has been modified to take
advantage of the capacitance on the customer's
PCB. This unit requires a minimum load
capacitance of 5600
µF with an impedance
magnitude of less than 0.005
Ω at 15kHz. It offers a
minimum 3X improvement in the peak response
compared to a standard unit.
Standard Model
Output
Max
Typical Efficiency
Number
Voltage
Current
Half Load
Full Load
48V Input Models (Designated W)
GPTW5V030*
5.0V
30A
92%
90%
GPTW3V340*
3.3V
40A
93%
91%
GPTW2V540*
2.5V
40A
91%
88%
GPTW2V040*
2.0V
40A
90%
86%
GPTW1V840*
1.8V
40A
89%
84%
GPTW1V540*
1.5V
40A
88%
83%
Standard Model
Output
Max
Typical Efficiency
Number
Voltage
Current
Half Load
Full Load
24V Input Models (Designated C)
GPTC5V030*
5.0V
30A
91%
89%
GPTC3V340*
3.3V
40A
92%
90%
GPTC2V540*
2.5V
40A
90%
87%
GPTC2V040*
2.0V
40A
89%
85%
GPTC1V840*
1.8V
40A
88%
83%
GPTC1V540*
1.5V
40A
87%
82%
* Options:
P= Positive Logic Version; High = On
H= Extra Power Pins, Non-standard Pinout
E= 0.18" Pins (
±.01")
M= 0.145" Pins (
±.01")
S= 0.12" Pins (
±.01")
RG = Heatsink Ready (incl. Plate + Case Ground Pin), or
with heatsink:
G00X = Case Ground Pin + Heatsink
T= Tuned model**
Heatsinks optional, consult factory.
ORDERING INFORMATION
Galaxy Power Inc. warrants to the original purchaser that the products conform to this data sheet and are free from
material and workmanship defects for a period of two (2) years from the date of manufacture, if this product is used
within specified conditions. Galaxy Power Inc. reserves the right to make changes to the product(s) or information
contained herein without notice. No liability is assumed as a result of their use or application. No rights under any
patent accompany the sale of any such products or information. For additional details on this limited warranty
consult the factory.
Heatsink Part Numbers
Part
Typical Thermal Performance
Number
Height
Natural Convection
Forced Convection
Power Dissipation
Thermal Resistance
001
0.25"
5W
5.8
°C/W
002
0.50"
7W
3.2
°C/W
003
1.00"
11W
2.0
°C/W
004
0.13"
TBD
TBD
© Copyright 2000 Galaxy Power, Inc. Specifications subject to change without notice.
155 Flanders Road
Westborough, MA 01581
508-870-9775
Fax: 508-870-9796
e–mail: info@galaxypwr.com
website: http://www.galaxypwr.com
Ordering Information
Example Part No.:
GPTW3V340
48V input
3.3V @ 40A output
Negative Logic
0.20" pin length
Open Frame
Options Code: (All options shown)
GPTW3V3 40PHSRG T 00X
Part Number
(from chart above)
Options:
Positive Logic Version
Extra Power Pins
Optional Pin Length
E = 0.18"
M = 0.145"
S = 0.12"
Heatsink-ready plate (requires G)
Case Ground Pin
Tuned Model
Heatsink (does not require R, must have G)
001 = 0.25"
002 = 0.50"
003 = 1.00"
004 = 0.13"


Similar Part No. - GPTW5V030SHSRGT001

ManufacturerPart #DatasheetDescription
logo
Good Will Instrument Co...
GPT-12000 GWINSTEK-GPT-12000 Datasheet
1Mb / 2P
   AC/DC/IR/GB Electrical Safety Analyzer
GPT-12001 GWINSTEK-GPT-12001 Datasheet
1Mb / 2P
   AC/DC/IR/GB Electrical Safety Analyzer
GPT-12002 GWINSTEK-GPT-12002 Datasheet
1Mb / 2P
   AC/DC/IR/GB Electrical Safety Analyzer
GPT-12003 GWINSTEK-GPT-12003 Datasheet
1Mb / 2P
   AC/DC/IR/GB Electrical Safety Analyzer
GPT-12004 GWINSTEK-GPT-12004 Datasheet
1Mb / 2P
   AC/DC/IR/GB Electrical Safety Analyzer
More results

Similar Description - GPTW5V030SHSRGT001

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GHTW5V040 GALAXY-GHTW5V040 Datasheet
910Kb / 8P
   TAURUS HC Series Industry?셲 Highest Efficiency DC/DC Converter
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com