Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPTC3V340SHSRGT001 Datasheet(PDF) 2 Page - Galaxy Power, Inc.

Part # GPTC3V340SHSRGT001
Description  TAURUS Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPTC3V340SHSRGT001 Datasheet(HTML) 2 Page - Galaxy Power, Inc.

  GPTC3V340SHSRGT001 Datasheet HTML 1Page - Galaxy Power, Inc. GPTC3V340SHSRGT001 Datasheet HTML 2Page - Galaxy Power, Inc. GPTC3V340SHSRGT001 Datasheet HTML 3Page - Galaxy Power, Inc. GPTC3V340SHSRGT001 Datasheet HTML 4Page - Galaxy Power, Inc. GPTC3V340SHSRGT001 Datasheet HTML 5Page - Galaxy Power, Inc. GPTC3V340SHSRGT001 Datasheet HTML 6Page - Galaxy Power, Inc. GPTC3V340SHSRGT001 Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Taurus Series, Page 2
WWW.GALAXYPWR.COM
Part No. 99–001 Rev. 5.0–090803
General Specifications
VIN = 48V DC, T A @25 °C, 300 LFM airflow, V OUT = 3.3V, I OUT = Full Load unless otherwise noted.
Available output power depends on ambient temperature and good thermal management. (See application graphs for limits.)
Input Characteristics
Parameter
Min
Typ
Max
Units
Operating Input Voltage
36
48
75
V DC
Input Current (Model Dependent)
6.5
A
Input Capacitance
4.4
µF
Input Hysteresis, Low Line
2
V DC
Output Characteristics
Regulation Over Line, Load & Temperature
98
102
%V NOM
Voltage Ripple
15
mV RMS
Voltage Ripple, 20MHz BW
50
mV P–P
Current Range
0
40
A
Current Limit Inception
41
48
A
Short Circuit Current, Peak (see Note below)
50
A
Output Transient Response, 50% to 75% load change, 1A/
µsec
125
mV
Settling Time to
±1%
300
µS
Turn-on Time to 98% Vnom
30
mS
Output Overshoot at Turn-on
1
%V OUT
Trim Range
90
110
%V OUT
Overvoltage Protection, Latching
130
%V OUT
Isolation
Isolation Test Voltage, Input/Output (Basic)
2000
V DC
Isolation Resistance
10
M
Features
Overtemperature Protection, Thermal Sensor, Latching*
117
°C
Switching Frequency, Fixed
200
kHz
Notes: During short circuit, converter will shut down and attempt to restart once per second.
The average current during this condition will be very low and the device can be safely left in this condition
continuously. For specific output voltage specifications, see the corresponding detailed data sheet.
*PCB less than 130
°C.
General Specifications
Operating Temperature
-40
°C to +100°C
Storage Temperature
–55
°C to +125°C
Relative Humidity
10% to 95% RH,
Non-condensing
Vibration
2 to 9Hz, 3mm disp.,
9 to 200Hz 1g
Material Flammability
UL V-0
Weight
55 grams
MTBF
Telcordia (Bellcore)
1,600,000 hours
Approvals and Standards
UL and c-UL Recognized Component,
TUV, UL60950, CSA 22.2 No. 950,
IEC/EN60950**
EMC Characteristics:
Designed to meet emission and immunity
requirements per EN55022, CISPR22,
Class B and CISPR24.
** An external fuse shall be used to comply with the requirements.


Similar Part No. - GPTC3V340SHSRGT001

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
GPTCLS01 CHERRY-GPTCLS01 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
logo
ZF Friedrichshafen AG
GPTCLS01 ZFSWITCHES-GPTCLS01 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
logo
Cherry Semiconductor Co...
GPTCLS11 CHERRY-GPTCLS11 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
logo
ZF Friedrichshafen AG
GPTCLS11 ZFSWITCHES-GPTCLS11 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
logo
Cherry Semiconductor Co...
GPTCNC11 CHERRY-GPTCNC11 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
More results

Similar Description - GPTC3V340SHSRGT001

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GHTW5V040 GALAXY-GHTW5V040 Datasheet
910Kb / 8P
   TAURUS HC Series Industry?셲 Highest Efficiency DC/DC Converter
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com