Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPTW3V340PHERGT002 Datasheet(PDF) 5 Page - Galaxy Power, Inc.

Part # GPTW3V340PHERGT002
Description  TAURUS Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPTW3V340PHERGT002 Datasheet(HTML) 5 Page - Galaxy Power, Inc.

  GPTW3V340PHERGT002 Datasheet HTML 1Page - Galaxy Power, Inc. GPTW3V340PHERGT002 Datasheet HTML 2Page - Galaxy Power, Inc. GPTW3V340PHERGT002 Datasheet HTML 3Page - Galaxy Power, Inc. GPTW3V340PHERGT002 Datasheet HTML 4Page - Galaxy Power, Inc. GPTW3V340PHERGT002 Datasheet HTML 5Page - Galaxy Power, Inc. GPTW3V340PHERGT002 Datasheet HTML 6Page - Galaxy Power, Inc. GPTW3V340PHERGT002 Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Taurus Series, Page 5
WWW.GALAXYPWR.COM
Part No. 99–001 Rev. 5.0–090803
GPTW3V340 OPERATION
Efficiency
Power Dissipation
Load Current (A)
Load Current (A)
Ambient Air Temperature (deg C)
Transient Response
Voltage Ripple
Start-up Waveform
Thermal Derating Curves
VOUT
2
1
Ch1 5.00mV
Ch2
1.00 V
B
W
B
W
M 4.00ms A
Ch1
2.60V
T
Ch2 Max
3.30V
Ch2 +Over
1.212%
Ch2 High
3.26V
010
20
3040
50
6070
40
35
30
25
20
15
10
5
0
300 LFM, Low Profile Heat Sink
200 LFM, Low Profile Heat Sink
300 LFM, Metal Plate
200 LFM, Metal Plate
300 LFM, Open Frame
200 LFM, Open Frame
100
98
96
94
92
90
88
86
84
82
80
010
20
30
40
36V Vin
48V Vin
75V Vin
36V Vin
48V Vin
75V Vin
VOUT
IOUT
20
10


Similar Part No. - GPTW3V340PHERGT002

ManufacturerPart #DatasheetDescription
logo
Good Will Instrument Co...
GPT-12000 GWINSTEK-GPT-12000 Datasheet
1Mb / 2P
   AC/DC/IR/GB Electrical Safety Analyzer
GPT-12001 GWINSTEK-GPT-12001 Datasheet
1Mb / 2P
   AC/DC/IR/GB Electrical Safety Analyzer
GPT-12002 GWINSTEK-GPT-12002 Datasheet
1Mb / 2P
   AC/DC/IR/GB Electrical Safety Analyzer
GPT-12003 GWINSTEK-GPT-12003 Datasheet
1Mb / 2P
   AC/DC/IR/GB Electrical Safety Analyzer
GPT-12004 GWINSTEK-GPT-12004 Datasheet
1Mb / 2P
   AC/DC/IR/GB Electrical Safety Analyzer
More results

Similar Description - GPTW3V340PHERGT002

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GHTW5V040 GALAXY-GHTW5V040 Datasheet
910Kb / 8P
   TAURUS HC Series Industry?셲 Highest Efficiency DC/DC Converter
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com