Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPDW3V320RSSRT002 Datasheet(PDF) 3 Page - Galaxy Power, Inc.

Part # GPDW3V320RSSRT002
Description  DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPDW3V320RSSRT002 Datasheet(HTML) 3 Page - Galaxy Power, Inc.

  GPDW3V320RSSRT002 Datasheet HTML 1Page - Galaxy Power, Inc. GPDW3V320RSSRT002 Datasheet HTML 2Page - Galaxy Power, Inc. GPDW3V320RSSRT002 Datasheet HTML 3Page - Galaxy Power, Inc. GPDW3V320RSSRT002 Datasheet HTML 4Page - Galaxy Power, Inc. GPDW3V320RSSRT002 Datasheet HTML 5Page - Galaxy Power, Inc. GPDW3V320RSSRT002 Datasheet HTML 6Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Dorado, Page 3
Part No. 01-002 Rev. 1.0–110802
PRODUCT PREVIEW
Undervoltage Lockout
30
32
36
34
40
38
Input Voltage (V)
Voltage
Rising
Voltage
Falling
Overvoltage Lockout
75
76
78
77
80
79
Input Voltage (V)
Voltage
Rising
Voltage
Falling
CoolConverter
Galaxy’s proprietary CoolConverterprovides:
•Patent Pending single-stage power conversion
architecture, control, and magnetic design allow
unprecedented power density and efficiency in an isolated
power supply.
• An advanced microcontroller reduces parts count while
adding features, performance, and flexibility in the design.
Protection and Control
Valid Input Voltage Range:
The converter measures the input voltage and will not
allow operation outside of the input voltage
specification. As shown by the graphs, hysteresis is
added to both the high and low voltage to prevent the
converter from turning on and off repeatedly when the
voltage is held near either voltage extreme. At low line
this assures the maximum input current is not exceeded;
at high line this assures the semiconductor devices in
the converter are not damaged by excessive voltage
stress.
ON/OFF Logic Option:
The ON/OFF control logic can be either Negative
(standard) or Positive to enable the converter. For
Negative logic, the ON/OFF pin is brought below 1.0 V
with respect to the –INPUT pin to enable the converter.
For Positive logic, the ON/OFF pin is brought to greater
than 4.0 V with respect to the –INPUT pin. To request
the Positive logic version, add the suffix (P) to the
standard part number. The positive version has a built-
in pull up resistor of approximately 100 k
Ω.
Application Notes


Similar Part No. - GPDW3V320RSSRT002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GPD MACOM-GPD Datasheet
265Kb / 4P
   GP/ML/TR series 10 Amp Control Relay
logo
Good Will Instrument Co...
GPD-2303S GWINSTEK-GPD-2303S Datasheet
2Mb / 2P
   MULTIPLE OUTPUT PROGRAMMABLE LINEAR D.C. POWER SUPPLY
GPD-3303D GWINSTEK-GPD-3303D Datasheet
2Mb / 2P
   MULTIPLE OUTPUT PROGRAMMABLE LINEAR D.C. POWER SUPPLY
GPD-4303S GWINSTEK-GPD-4303S Datasheet
2Mb / 2P
   MULTIPLE OUTPUT PROGRAMMABLE LINEAR D.C. POWER SUPPLY
logo
List of Unclassifed Man...
GPD2846A ETC2-GPD2846A Datasheet
484Kb / 4P
   The GPD2846A is an integrated MP3 player IC with FM radio and Line In features with 2W mono amplifie, maximum output 3W
More results

Similar Description - GPDW3V320RSSRT002

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
   Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
G2PW5V030 GALAXY-G2PW5V030 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
GMDW8V08R GALAXY-GMDW8V08R Datasheet
765Kb / 7P
   DORADO MV 24V or 48V Input, 8.0V, 12.0V DC, 8A Output 15.0V DC, 6A Output
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
   1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
Bel Fuse Inc.
07LC-10T BEL-07LC-10T Datasheet
154Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
logo
Galaxy Power, Inc.
GPLW5V060 GALAXY-GPLW5V060 Datasheet
851Kb / 8P
   LEO Series Industry?셲 Highest Current DC/DC Converter. 48V or 24V Input, 250W, 120A Output, 3.3V 90A, 2.5V 100A, 1.8V 120A, 1.5V 120A, 1.2V 120A stan
logo
Power-One
HLS30ZG POWER-ONE-HLS30ZG Datasheet
650Kb / 8P
   HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
logo
Bel Fuse Inc.
07LC-25T BEL-07LC-25T Datasheet
150Kb / 7P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/7A or 5V/5A or 12V/2.5A Output
logo
C&D Technologies
S020-1220120-FB CANDD-S020-1220120-FB Datasheet
198Kb / 9P
   DC/DC Converter 12.0V input, 1.2 to 5.0V adjustable output, 20A or 55W
logo
Bel Fuse Inc.
V7PD-15C BEL-V7PD-15C Datasheet
347Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com