Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPTC5V030SHERGT002 Datasheet(PDF) 6 Page - Galaxy Power, Inc.

Part # GPTC5V030SHERGT002
Description  TAURUS Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPTC5V030SHERGT002 Datasheet(HTML) 6 Page - Galaxy Power, Inc.

  GPTC5V030SHERGT002 Datasheet HTML 1Page - Galaxy Power, Inc. GPTC5V030SHERGT002 Datasheet HTML 2Page - Galaxy Power, Inc. GPTC5V030SHERGT002 Datasheet HTML 3Page - Galaxy Power, Inc. GPTC5V030SHERGT002 Datasheet HTML 4Page - Galaxy Power, Inc. GPTC5V030SHERGT002 Datasheet HTML 5Page - Galaxy Power, Inc. GPTC5V030SHERGT002 Datasheet HTML 6Page - Galaxy Power, Inc. GPTC5V030SHERGT002 Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Taurus Series, Page 6
WWW.GALAXYPWR.COM
Part No. 99–001 Rev. 5.0–090803
MOUNTING INSERT
CONNECTED TO CASE PIN
MOUNTING INSERT
M3 X 0 .5 4 PLACES
B
B
B
B
A
A
A
A
A
.20
2.40
.19
2.28
2.000
1.700
1.500
1.300
1.000
.700
.500
.300
0
2.000
1.700
1.300
.700
.300
0
*NON-STANDARD PIN OUT
(CASE)
PIN 11
PIN 10 *
PIN 9
PIN 8
PIN 7
PIN 6 *
PIN 5
PIN 4
PIN 3
* PIN 2
PIN 1
BOTTOM VIEW
SIDE VIEW
.50
.50
.010
.20
0
Pin Configuration —Bottom View
Pin No.
Function
Pin Dia. (in.)
1– Input
0.040
2*
Case Ground Pin
0.040
3
On/Off
0.040
4+ Input
0.040
5+ Output
0.080
6*
+ Output
0.080
7+ Sense
0.040
8Trim
0.040
9– Sense
0.040
10*
– Output
0.080
11
– Output
0.080
Notes:
1. “A” = 0.040 dia. pins
2. “B” = 0.080 dia. pins
3. Optional pins marked*
4. Mechanical tolerances
x.xxx in. =
±0.005 in.
x.xx in. =
±0.01 in.
5. Pin material: brass with tin/lead plating over nickel
6. Workmanship: Meets or exceeds IPC-A-610B Class II
Package Detail


Similar Part No. - GPTC5V030SHERGT002

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
GPTCLS01 CHERRY-GPTCLS01 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
logo
ZF Friedrichshafen AG
GPTCLS01 ZFSWITCHES-GPTCLS01 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
logo
Cherry Semiconductor Co...
GPTCLS11 CHERRY-GPTCLS11 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
logo
ZF Friedrichshafen AG
GPTCLS11 ZFSWITCHES-GPTCLS11 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
logo
Cherry Semiconductor Co...
GPTCNC11 CHERRY-GPTCNC11 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
More results

Similar Description - GPTC5V030SHERGT002

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GHTW5V040 GALAXY-GHTW5V040 Datasheet
910Kb / 8P
   TAURUS HC Series Industry?셲 Highest Efficiency DC/DC Converter
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com