Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP846-X Datasheet(PDF) 1 Page - Solid State Optronic

Part # SP846-X
Description  1 Form A Solid State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SP846-X Datasheet(HTML) 1 Page - Solid State Optronic

  SP846-X Datasheet HTML 1Page - Solid State Optronic SP846-X Datasheet HTML 2Page - Solid State Optronic SP846-X Datasheet HTML 3Page - Solid State Optronic SP846-X Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SP846-X
1 Form A
Solid State Relay
The SP846-X is a bi-directional, single-pole, single-throw, normally open multipurpose relay. The circuit is composed of one LED on the
input side which activates an optically coupled IC on the output - controlling the firing angle of two back-to-back SCRs. This circuit
assures no false triggering under most adverse conditions, and a tight zero-volt window not exceeding 5V. A 300-ohm input resistor in
series with the LED is also provided in this circuit.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES
SCHEMATIC DIAGRAM
MAXIMUM RATINGS
APPROVALS
Inverse parallel SCR output
High transient immunity
700V blocking voltage
1.2A maximum continuous current
Low input control current
High input-to-output isolation
Solid state reliability
Zero-volt switching
300 ohm input resistor
Programmable controls
Valve control
Solenoids
Remote switching
Home appliances
Metering equipment
Heating elements
Gas pump control circuitry
High Output Isolation
-H
Tape and Reel
-TR
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
120
Operating Temperature
°C
-40
85
Continuous Input Current
mA
40
Transient Input Current
mA
400
Reverse Input Control
Voltage
V
6
Output Power Dissipation
W
1.2
BABT CERTIFICATE #607837:
BS EN 60950, BS EN 41003, BS EN 60065
UL FILE #E90096
rev
2.0 (9/24/04)
Solid State Optronics
1.888.377.4776
www.ssousa.com


Similar Part No. - SP846-X

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SP846 SSOUSA-SP846 Datasheet
187Kb / 5P
   1 Form A Solid State Relay
More results

Similar Description - SP846-X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
   1 Form A Solid State Relay
Rev. 1.5, 26-Oct-04
logo
Solid State Optronic
S742-X SSOUSA-S742-X Datasheet
167Kb / 4P
   1 Form A Solid State Relay
AD8C111-L SSOUSA-AD8C111-L Datasheet
165Kb / 4P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com