Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN65543 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # MN65543
Description  Low Power 8-Bit CMOS A/D Converter for Image Processing
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN65543 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MN65543 Datasheet HTML 1Page - Panasonic Semiconductor MN65543 Datasheet HTML 2Page - Panasonic Semiconductor MN65543 Datasheet HTML 3Page - Panasonic Semiconductor MN65543 Datasheet HTML 4Page - Panasonic Semiconductor MN65543 Datasheet HTML 5Page - Panasonic Semiconductor MN65543 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
MN65543S
A/D, D/C Converters for Image Signal Processing
Electrical Characteristics
VDD=AVDD=DVDD=5.0V, AVSS=DVSS=0V, Ta=25˚C
Parameter
Symbol
Conditions
min
typ
max
Unit
Power supply current
IDD
fCLK = 15 MHz
18
26
mA
(includes reference power supply)
Resolution
RES
8
bit
Linearity error
EL
fCLK=15MHz
±0.5
±1.3
LSB
Differential linearity error
ED
VRT=3.5V VRB=1.5V
±0.4
±0.8
LSB
Maximum conversion rate
Fc(max.)
15
MSPS
Clock frequency
fCLK
1
15
MHz
Analog input dynamic range
DR
2VRT –VRB
V
Output current
"H" level
IOH
VOH=VDD – 0.8V
–2
mA
"L" level
IOL
VOL=0.4V
2
mA
Output delay time
td
CL=50pF
25
40
ns
Analog input capacitance
CI
18
pF
Recommended Operating Conditions
VDD=AVDD=DVDD=5.0V, VSS=AVSS=DVSS=0V, Ta=25˚C
Parameter
Symbol
min
typ
max
Unit
Power supply voltage
VDD
4.50
5.00
5.25
V
Digital input
"H" level
VIH
2.4
VDD
V
voltage
"L" level
VIL
VSS
0.8
V
Reference voltage
"H" level
VRT
3.5
VDD
V
"L" level
VRB
VSS
1.5
V
Clock
"H" level pulse width
tWH
30
ns
"L" level pulse width
tWL
30
ns
Analog input voltage
VAIN
VSS
VDD
V


Similar Part No. - MN65543

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN65543 PANASONIC-MN65543 Datasheet
49Kb / 6P
   Low Power 8-Bit CMOS A/D Converter for Image Processing
MN655431SH PANASONIC-MN655431SH Datasheet
49Kb / 6P
   Low Power 8-Bit CMOS A/D Converter for Image Processing
More results

Similar Description - MN65543

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN655431SH PANASONIC-MN655431SH Datasheet
49Kb / 6P
   Low Power 8-Bit CMOS A/D Converter for Image Processing
MN657011H PANASONIC-MN657011H Datasheet
58Kb / 6P
   Low Power 8-Bit, 3-Channel CMOS D/A Converter for Image Processing
MN65702H PANASONIC-MN65702H Datasheet
61Kb / 6P
   Low Power 8-Bit, 3-Channel CMOS D/A Converter for Image Processing
MN657021F PANASONIC-MN657021F Datasheet
67Kb / 8P
   Low Power 8-Bit, 3-Channel CMOS D/A Converter for Image Processing
MN65752H PANASONIC-MN65752H Datasheet
59Kb / 6P
   Low Power 8-Bit, 2-Channel CMOS A/D Converter for Image Processing
MN6576H PANASONIC-MN6576H Datasheet
57Kb / 6P
   Low Power 9-Bit CMOS A/D Converter for Image Processing
MN65531AS PANASONIC-MN65531AS Datasheet
52Kb / 6P
   Low Power 6-Bit CMOS A/D Converter for Image Processing
MN65761T PANASONIC-MN65761T Datasheet
58Kb / 6P
   Low Power 9-Bit CMOS A/D Converter for Image Processing
MN6556A PANASONIC-MN6556A Datasheet
58Kb / 6P
   Low Power 8-Bit CMOS D/A Converters for Image Processing
MN65771F PANASONIC-MN65771F Datasheet
60Kb / 6P
   Low Power 10-Bit 5 V CMOS A/D Converter for Image Processing
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com