Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US1881L Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # US1881L
Description  CMOS MULTI-PURPOSE LATCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

US1881L Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  US1881L Datasheet HTML 1Page - List of Unclassifed Manufacturers US1881L Datasheet HTML 2Page - List of Unclassifed Manufacturers US1881L Datasheet HTML 3Page - List of Unclassifed Manufacturers US1881L Datasheet HTML 4Page - List of Unclassifed Manufacturers US1881L Datasheet HTML 5Page - List of Unclassifed Manufacturers US1881L Datasheet HTML 6Page - List of Unclassifed Manufacturers US1881L Datasheet HTML 7Page - List of Unclassifed Manufacturers US1881L Datasheet HTML 8Page - List of Unclassifed Manufacturers US1881L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
US1881
3901001881
Page 4 of 11
Rev. 014
Jun/05
6 Magnetic Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Point
BOP
E/LUA, E/LSO,Ta=25oC,Vdd=3.5 … 24V DC
1.0
5.0
9.0
mT
Release Point
BRP
E/LUA, E/LSO,Ta=25oC,Vdd=3.5 … 24V DC
-9.0
-5.0
-1.0
mT
Hysteresis
BHYS
E/LUA, E/LSO,Ta=25oC,Vdd=3.5 … 24V DC
7.0
10.0
12.0
mT
Operating Point
BOP
EUA, ESO, Ta=85oC,Vdd=3.5 … 24V DC
0.5
5.0
9.5
mT
Release Point
BRP
EUA, ESO, Ta=85oC,Vdd=3.5 … 24V DC
-9.5
-5.0
-0.5
mT
Hysteresis
BHYS
EUA, ESO, Ta=85oC,Vdd=3.5 … 24V DC
7.0
10.0
12.0
mT
Operating Point
BOP
KUA, KSO, Ta=125oC,Vdd=3.5 … 24V DC
0.5
5.0
9.5
mT
Release Point
BRP
KUA, KSO, Ta=125oC,Vdd=3.5 … 24V DC
-9.5
-5.0
-0.5
mT
Hysteresis
BHYS
KUA, KSO, Ta=125oC,Vdd=3.5 … 24V DC
7.0
10.0
12.0
mT
Operating Point
BOP
LUA, LSO, Ta=150oC,Vdd=3.5 … 24V DC
0.5
5.0
9.5
mT
Release Point
BRP
LUA, LSO, Ta=150oC,Vdd=3.5 … 24V DC
-9.5
-5.0
-0.5
mT
Hysteresis
BHYS
LUA, LSO, Ta=150oC,Vdd=3.5 … 24V DC
6.0
10.0
12.5
mT
Note: 1 mT = 10 Gauss
7 Unique Features
CMOS Hall IC Technology
The chopper stabilized amplifier uses switched capacitor techniques to eliminate the amplifier offset voltage,
which, in bipolar devices, is a major source of temperature sensitive drift. CMOS makes this advanced
technique possible. The CMOS chip is also much smaller than a bipolar chip, allowing very sophisticated
circuitry to be placed in less space. The small chip size also contributes to lower physical stress and less
power consumption.


Similar Part No. - US1881L

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US1881LSE MELEXIS-US1881LSE Datasheet
503Kb / 12P
   Hall Latch - High Sensitivity
US1881LSE-AAA-000-RE MELEXIS-US1881LSE-AAA-000-RE Datasheet
1Mb / 12P
   Hall Latch ??High Sensitivity
US1881LUA MELEXIS-US1881LUA Datasheet
503Kb / 12P
   Hall Latch - High Sensitivity
US1881LUA-AAA-000-BU MELEXIS-US1881LUA-AAA-000-BU Datasheet
1Mb / 12P
   Hall Latch ??High Sensitivity
More results

Similar Description - US1881L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
US5881 ETC-US5881 Datasheet
118Kb / 6P
   CMOS Multi-Purpose Switch
logo
Melexis Microelectronic...
US5881 MELEXIS-US5881_01 Datasheet
121Kb / 6P
   CMOS Multi-Purpose Switch
logo
NEC
UPD6102G NEC-UPD6102G Datasheet
655Kb / 9P
   MULTI-PURPOSE REMOTE CONTROL TRANMITTER IC CMOS LSI
logo
List of Unclassifed Man...
US2881 ETC-US2881 Datasheet
132Kb / 7P
   CMOS High Sensitivity Latch
logo
Intersil Corporation
CD4508BMS INTERSIL-CD4508BMS Datasheet
85Kb / 9P
   CMOS Dual 4-Bit Latch
December 1992
logo
Texas Instruments
CD4099BE TI-CD4099BE Datasheet
969Kb / 17P
[Old version datasheet]   CMOS 8-Bit Addressable Latch
CD4724BE TI-CD4724BE Datasheet
437Kb / 10P
[Old version datasheet]   CMOS 8-Bit Addressable Latch
logo
Renesas Technology Corp
CD4099BMS RENESAS-CD4099BMS Datasheet
409Kb / 10P
   CMOS 8-Bit Addressable Latch
December 1992
logo
Intersil Corporation
CD4724BMS INTERSIL-CD4724BMS Datasheet
109Kb / 10P
   CMOS 8-Bit Addressable Latch
December 1992
logo
Texas Instruments
CD4099B TI-CD4099B_12 Datasheet
969Kb / 17P
[Old version datasheet]   CMOS 8-BIT ADDRESSABLE LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com