Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW802B Datasheet(PDF) 1 Page - Agere Systems

Part # FW802B
Description  Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

FW802B Datasheet(HTML) 1 Page - Agere Systems

  FW802B Datasheet HTML 1Page - Agere Systems FW802B Datasheet HTML 2Page - Agere Systems FW802B Datasheet HTML 3Page - Agere Systems FW802B Datasheet HTML 4Page - Agere Systems FW802B Datasheet HTML 5Page - Agere Systems FW802B Datasheet HTML 6Page - Agere Systems FW802B Datasheet HTML 7Page - Agere Systems FW802B Datasheet HTML 8Page - Agere Systems FW802B Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Data Sheet, Rev. 3
May 2004
FW802B Low-Power PHY IEEE
® 1394A-2000
Two-Cable Transceiver/Arbiter Device
Distinguishing Features
Compliant with IEEE Standard 1394a-2000, IEEE
Standard for a High Performance Serial Bus
Amendment 1.
Low-power consumption during powerdown or
microlow-power sleep mode.
Supports extended BIAS_HANDSHAKE time for
enhanced interoperability with camcorders.
While unpowered and connected to the bus, the
device will not drive TPBIAS on a connected port
even if receiving incoming bias voltage on that port.
Does not require external filter capacitors for PLL.
Does not require a separate 5 V supply for 5 V link
controller interoperability.
Interoperable across 1394cable with 1394 physi-
cal layers (PHY) using 5 V supplies.
Interoperable with 1394 link-layer controllers using
5 V supplies.
1394a-2000 compliant common-mode noise filter
on incoming TPBIAS.
Powerdown features to conserve energy in battery-
powered applications include:
— Device powerdown pin.
— Link interface disable using LPS.
— Inactive ports power down.
— Automatic microlow-power sleep mode during
suspend.
Interface to link-layer controller supports Annex J
electrical isolation as well as bus-keeper isolation.
Features
Provides two fully compliant cable ports at
100 Mbits/s, 200 Mbits/s, and 400 Mbits/s.
Fully supports 1394 Open HCI requirements.
Supports arbitrated short bus reset to improve
utilization of the bus.
Supports ack-accelerated arbitration and fly-by con-
catenation.
Supports connection debounce.
Supports multispeed packet concatenation.
Supports PHY pinging and remote PHY access
packets.
Fully supports suspend/resume.
Supports PHY-link interface initialization and reset.
Supports 1394a-2000 register set.
Supports LPS/link-on as a part of PHY-link inter-
face.
Supports provisions of IEEE 1394-1995 Standard
for a High Performance Serial Bus.
Fully interoperable with FireWire® implementation
of IEEE 1394-1995.
Reports cable power fail interrupt when voltage at
CPS pin falls below 7.5 V.
Provides separate cable bias and driver termination
voltage supply for each port.
Other Features
64-pin TQFP package. (Lead-free package also
available. See ordering information on page 25.)
Single 3.3 V supply operation.
Data interface to link-layer controller provided
through 2/4/8 parallel lines at 50 Mbits/s.
25 MHz crystal oscillator and PLL provide a
50 MHz link-layer controller clock as well as trans-
mit/receive data at 100 Mbits/s, 200 Mbits/s, and
400 Mbits/s.
Node power-class information signaling for system
power management.
Multiple separate package signals provided for ana-
log and digital supplies and grounds.
Description
The Agere Systems Inc. FW802B device provides
the analog physical layer functions needed to imple-
ment a two-port node in a cable-based IEEE 1394-
1995 and IEEE 1394a-2000 network.
Each cable port incorporates two differential line
transceivers. The transceivers include circuitry to
monitor the line conditions as needed for determin-
ing connection status, for initialization and arbitration,
and for packet reception and transmission. The PHY
is designed to interface with a link-layer controller
(LLC).


Similar Part No. - FW802B

ManufacturerPart #DatasheetDescription
logo
Agere Systems
FW802BF AGERE-FW802BF Datasheet
529Kb / 26P
   Low-Power PHY 1394a-2000 Two-Cable Transceiver/Arbiter Device
FW802BF-09-DB AGERE-FW802BF-09-DB Datasheet
529Kb / 26P
   Low-Power PHY 1394a-2000 Two-Cable Transceiver/Arbiter Device
More results

Similar Description - FW802B

ManufacturerPart #DatasheetDescription
logo
Agere Systems
FW802BF AGERE-FW802BF Datasheet
529Kb / 26P
   Low-Power PHY 1394a-2000 Two-Cable Transceiver/Arbiter Device
FW802A AGERE-FW802A Datasheet
397Kb / 24P
   Low-Power PHY IEEE 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW801BF AGERE-FW801BF Datasheet
550Kb / 26P
   Low-Power PHY 1394a-2000 One-Cable Transceiver/Arbiter Device
FW801A AGERE-FW801A Datasheet
378Kb / 24P
   Low-Power PHY IEEE 1394A-2000 One-Cable Transceiver/Arbiter Device
FW802C AGERE-FW802C Datasheet
301Kb / 24P
   FW 802C LOW - POWER IEEE 1394A-2000 TWO CABLE TRANSCEIVER/ ARBITER DEVICE
FW803 AGERE-FW803 Datasheet
395Kb / 24P
   PHY IEEE 1394A Three-Cable Transceiver/Arbiter Device
FW804 AGERE-FW804 Datasheet
398Kb / 24P
   PHY IEEE 1394A Four-Cable Transceiver/Arbiter Device
logo
Texas Instruments
TSB41AB2 TI1-TSB41AB2_14 Datasheet
1Mb / 55P
[Old version datasheet]   IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB2 TI-TSB41AB2 Datasheet
699Kb / 50P
[Old version datasheet]   IEEE 1394a-2000 TWO-PORT CABLE TRANSCEVER/ARBITER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com