Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCK4973 Datasheet(PDF) 8 Page - Agere Systems

Part # LCK4973
Description  Low-Voltage PLL Clock Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LCK4973 Datasheet(HTML) 8 Page - Agere Systems

Back Button LCK4973 Datasheet HTML 4Page - Agere Systems LCK4973 Datasheet HTML 5Page - Agere Systems LCK4973 Datasheet HTML 6Page - Agere Systems LCK4973 Datasheet HTML 7Page - Agere Systems LCK4973 Datasheet HTML 8Page - Agere Systems LCK4973 Datasheet HTML 9Page - Agere Systems LCK4973 Datasheet HTML 10Page - Agere Systems LCK4973 Datasheet HTML 11Page - Agere Systems LCK4973 Datasheet HTML 12Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
88
Agere Systems Inc.
Data Sheet
February 2003
Low-Voltage PLL Clock Driver
LCK4973
Functional Description (continued)
Device Programming (continued)
2336.a (F)
Figure 5. 20 MHz Source Example
The Lnv_Clk input pin, when asserted, will invert the
Qc2 and Qc3 outputs.This inversion does not affect the
output-output skew of the device and allows for the
development of 180° phase-shifted clocks. This output
can also be used as a feedback output or routed to a
second PLL to generate early/late clocks. Figure 5 on
page 8 shows a 180° phase-shift configuration.
Zero-Delay Buffer Use
The LCK4973 can be used as a zero-delay buffer due
to the external feedback of the device. Using one of the
inputs as a feedback to the PLL eliminates the
propagation delay through the device. A near-zero
delay is produced by the PLL aligning to the output
edge to the input reference edge. The static phase
offset and the relative delay between the inputs and
outputs are affected by the reference frequency. This is
because the static phase offset is a function of the
reference clock and Tpd of the LCK4973 is a function
of the configuration used.
It is most likely that the LCK4973 will be used as a
zero-delay buffer in a nested clock-tree application. In
these instances, the LCK4973 offers a LVPECL clock
input as the PLL reference. This allows the user to
utilize the exceptional skew performance of the device
as the primary clock distribution device. The device can
then lock onto the LVPECL reference and translate,
with near-zero delay, to low-skew LVCMOS outputs.
These clock trees will show tighter skews than CMOS
fanout buffer clock trees.
SYNC Output
When the output frequencies are not integer multiples
of each other, there is a need for a signal for
synchronization purposes. The SYNC output is
designed to address this need. The Qa and Qc banks
of outputs are monitored by the device, and a low-
going pulse (one period in duration, on period before
the coincident rising edges of Qa and Qc) is provided.
The duration and placement of the pulse is dependent
on the highest of Qa and Qc output frequencies. The
timing diagram, (Figure 8 on page 10) show the various
waveforms for SYNC.
Note: SYNC is defined for all possible combinations of
Qa and Qc, even though the lower frequency
clock should be used as a synchronizing signal
in most cases.
fsela0
fsela1
fselb0
fselb1
fselc0
fselc1
fselFB0
fselFB1
fselFB2
1
1
0
1
1
1
1
1
1
LCK4973
Qa
Qb
Qc
QFB
33 MHz (PCI)
50 MHz (PROCESSOR)
50 MHz (PROCESSOR)
20 MHz (ETHERNET)
4
4
4
20 MHz
Input Ref
Ext_FB


Similar Part No. - LCK4973

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LCK4972 AGERE-LCK4972 Datasheet
248Kb / 20P
   Low-Voltage PLL Clock Driver
More results

Similar Description - LCK4973

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
   Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
   Low-Voltage PLL Clock Driver
logo
Motorola, Inc
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Renesas Technology Corp
MPC9350 RENESAS-MPC9350 Datasheet
478Kb / 13P
   Low Voltage PLL Clock Driver
2019
logo
Motorola, Inc
MPC9350 MOTOROLA-MPC9350 Datasheet
282Kb / 12P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC990 MOTOROLA-MPC990 Datasheet
146Kb / 9P
   LOW VOLTAGE PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com