Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCK4993YH-DT Datasheet(PDF) 6 Page - Agere Systems

Part # LCK4993YH-DT
Description  Low-Voltage PLL Clock Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LCK4993YH-DT Datasheet(HTML) 6 Page - Agere Systems

Back Button LCK4993YH-DT Datasheet HTML 2Page - Agere Systems LCK4993YH-DT Datasheet HTML 3Page - Agere Systems LCK4993YH-DT Datasheet HTML 4Page - Agere Systems LCK4993YH-DT Datasheet HTML 5Page - Agere Systems LCK4993YH-DT Datasheet HTML 6Page - Agere Systems LCK4993YH-DT Datasheet HTML 7Page - Agere Systems LCK4993YH-DT Datasheet HTML 8Page - Agere Systems LCK4993YH-DT Datasheet HTML 9Page - Agere Systems LCK4993YH-DT Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LCK4993/LCK4994
Data Sheet, Revision 1
Low-Voltage PLL Clock Drivers
May 5, 2004
6
6
Agere Systems Inc.
72
REFSEL
LVTTL
Id
Reference Input Select. The REFSEL input controls how the
reference input is configured.
Low = REFSEL uses the REFA pair as the reference input.
High = REFSEL uses the REFB pair as the reference input.
77, 78, 80, 81
FBKA+, FBKA–,
FBKB–, FBKB+
LVTTL/
LVDIFF
I
Feedback Inputs. One pair of inputs selected by the FBSEL is
used to feedback the clock output xQn to the phase detector.
The PLL will operate so that the rising edges of the reference
and feedback signals are aligned in both phase and frequency.
These inputs can operate as differential PECL or single-ended
TTL inputs. When operating as a single-ended LVTTL input,
the complementary input must be left open.
79
FBSEL
LVTTL
Id
Feedback Input Select.
Low = FBKA inputs are selected.
High = FBKB inputs are selected.
84, 86
QFA[0:1]
LVTTL
O
Clock Feedback Output. This pair of clock outputs is intended
to be connected to the FB input. These outputs have numerous
divide options and three choices of phase adjustments. The
function is determined by setting the FBDS[0:1] pins and FBF0.
98, 99
FBDS[0:1]
3-Level
Input
I
Feedback Divider Function Select. These inputs determine
the function of the QFA0 and QFA1 outputs, see Table 5-4.
100
LOCK
LVTTL
O
PLL Lock Indicator.
Low = the PLL is attempting to acquire lock.
High = this output indicates the internal PLL is locked to the ref-
erence signal.
Note: I
d = each input has an internal pull-down resistor.
Table 4-2. 100-Pin TQFP Descriptions (continued)
Pin
Symbol
Type
I/O
Description


Similar Part No. - LCK4993YH-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LCK4950 AGERE-LCK4950 Datasheet
215Kb / 16P
   Low-Voltage PLL Clock Driver
LCK4953 AGERE-LCK4953 Datasheet
98Kb / 6P
   Low-Voltage PLL Clock Driver
LCK4972 AGERE-LCK4972 Datasheet
248Kb / 20P
   Low-Voltage PLL Clock Driver
LCK4973 AGERE-LCK4973 Datasheet
295Kb / 16P
   Low-Voltage PLL Clock Driver
More results

Similar Description - LCK4993YH-DT

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
   Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
   Low-Voltage PLL Clock Driver
logo
Motorola, Inc
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Renesas Technology Corp
MPC9350 RENESAS-MPC9350 Datasheet
478Kb / 13P
   Low Voltage PLL Clock Driver
2019
logo
Motorola, Inc
MPC9350 MOTOROLA-MPC9350 Datasheet
282Kb / 12P
   LOW VOLTAGE PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com