Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZS2200M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MAZS2200M
Description  Silicon planar type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZS2200M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MAZS2200M Datasheet HTML 1Page - Panasonic Semiconductor MAZS2200M Datasheet HTML 2Page - Panasonic Semiconductor MAZS2200M Datasheet HTML 3Page - Panasonic Semiconductor MAZS2200M Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Zener Diodes
MAZS000 Series
Silicon planar type
For constant voltage, constant-current, waveform
clipper and surge absorption circuit
I Features
• SS-mini type 2-pin package
• Low noise type
• V
Z rank classified (VZ = 2.4 V to 39 V)
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Instanious forward current
IFRM
200
mA
Total power dissipation*
Ptot
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
1 : Anode
2 : Cathode
SS-Mini Type Package (2-pin)
Internal Connection
Note) * : With a printed-circuit board
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 10 mA
0.9
1.0
V
Zener voltage*
2
VZ
IZ ·················· Specified value
V
Operating resistance
RZ
IZ ·················· Specified value
Reverse current
IR
VR ··············· Specified value
µA
I Common Electrical Characteristics T
a = 25°C
*1
Note) 1. Test method according to the JIS C7031 testing
2
.Rated input/output frequency: 5 MHz
3. *1: The VZ value is for the temperature of 25°C. In other cases, carry out the temperature compensation.
*2: Guaranteed at 20 ms after power application.
Refer to the list of the
electrical characteristics
within part numbers
Marking Symbol
Refer to the list of the electrical
characteristics within part numbers
(Example) MAZS082
: 8
MAZS0820L
: 8_
MAZS0820M
: 8
MAZS0820H
: 8^
Note) L/M/H marked products will be sup-
plied unless other wise specified
1.6
± 0.1
1
2
1.2
± 0.1
21


Similar Part No. - MAZS2200M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAZS360GML MACOM-MAZS360GML Datasheet
327Kb / 22P
   Telecommunications & Networking Devices
More results

Similar Description - MAZS2200M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com