Electronic Components Datasheet Search |
|
GPTW3V340MHSRGT002 Datasheet(PDF) 1 Page - Galaxy Power, Inc. |
|
GPTW3V340MHSRGT002 Datasheet(HTML) 1 Page - Galaxy Power, Inc. |
1 / 7 page Taurus Series, Page 1 WWW.GALAXYPWR.COM Part No. 99–001 Rev. 5.0–090803 The Taurus half brick is the first CoolConverter™ in the Galaxy family of high-efficiency DC/DC converters. Industry Standard Pinout and Footprint Typical Efficiency: 93% at 3.3V, 20A; 91% at 3.3V, 40A No Heat Sink Required Very Low Common-mode Noise for a Commercial DC/DC Converter Two-stage Input Filter Constant Switching Frequency Remote Sense Single Board Design Optional Baseplate or Low Profile Heatsink for Improved Thermal Performance Header with M3 Metal Inserts for Mechanical Connection to PCB Two Year Warranty TAURUS Series 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3VDC, 40A Output or 5.0VDC, 30A Output Control Functions Uses Patented Power Supply Control and Architecture Microprocessor Controlled Primary-side Enable, Choice of Logic Protection Features Over Temperature Protection Over Voltage Protection Over/Under Input Voltage Protection Over Current Protection Typical Characteristics Output Setpoint Accuracy: ±1% Load Regulation: ±0.25% Line Regulation: ±0.25% Regulation over Line, Load, and Temperature: ±2% Low Output Ripple Output Trim The open-frame Taurus is available with an optional baseplate or low profile heatsink. |
Similar Part No. - GPTW3V340MHSRGT002 |
|
Similar Description - GPTW3V340MHSRGT002 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |