Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-TTSI002321BL-2-DB Datasheet(PDF) 7 Page - Agere Systems

Part # L-TTSI002321BL-2-DB
Description  2k x 2k Time-Slot Interchanger
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L-TTSI002321BL-2-DB Datasheet(HTML) 7 Page - Agere Systems

Back Button L-TTSI002321BL-2-DB Datasheet HTML 3Page - Agere Systems L-TTSI002321BL-2-DB Datasheet HTML 4Page - Agere Systems L-TTSI002321BL-2-DB Datasheet HTML 5Page - Agere Systems L-TTSI002321BL-2-DB Datasheet HTML 6Page - Agere Systems L-TTSI002321BL-2-DB Datasheet HTML 7Page - Agere Systems L-TTSI002321BL-2-DB Datasheet HTML 8Page - Agere Systems L-TTSI002321BL-2-DB Datasheet HTML 9Page - Agere Systems L-TTSI002321BL-2-DB Datasheet HTML 10Page - Agere Systems L-TTSI002321BL-2-DB Datasheet HTML 11Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
Data Sheet, Revision 3
TSI-2
September 21, 2005
2k x 2k Time-Slot Interchanger
Agere Systems Inc.
7
2 Ball Information
2.1 Top View Ball Diagram
The device is housed in a 240-ball plastic ball grid array. Figure 2-1 shows the ball arrangement viewed from the top of the
package. The balls are spaced on a 1.0 mm pitch.
Figure 2-1. Package Diagram (Top View)
B
C
A
E
F
D
H
J
G
L
M
K
P
R
N
U
V
T
2
3
1
5
6
48
7
10
11
913
14
12
16
15
17 18


Similar Part No. - L-TTSI002321BL-2-DB

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L-TTSI001161BL-2-DB AGERE-L-TTSI001161BL-2-DB Datasheet
1,012Kb / 61P
   1k x 1k Time-Slot Interchanger
L-TTSI004321BL-2-DB AGERE-L-TTSI004321BL-2-DB Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
L-TTSI008321BL-2-DB AGERE-L-TTSI008321BL-2-DB Datasheet
675Kb / 25P
   8K x 8K Time-Slot Interchanger
More results

Similar Description - L-TTSI002321BL-2-DB

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TSI-8 AGERE-TSI-8 Datasheet
675Kb / 25P
   8K x 8K Time-Slot Interchanger
TSI-1 AGERE-TSI-1 Datasheet
1,012Kb / 61P
   1k x 1k Time-Slot Interchanger
TSI-4 AGERE-TSI-4 Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
logo
List of Unclassifed Man...
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Cypress Semiconductor
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
logo
UMC Corporation
UM6116-2 UMC-UM6116-2 Datasheet
498Kb / 8P
   2K x 8 CMOS SRAM
logo
Cypress Semiconductor
CY7C291A CYPRESS-CY7C291A_06 Datasheet
547Kb / 13P
   2K x 8 Reprogrammable PROM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
   2K x 8 Static RAM
logo
Pyramid Semiconductor C...
PY291A PYRAMID-PY291A Datasheet
100Kb / 9P
   2K X 8 REPROGRAMMABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com