Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSI-8 Datasheet(PDF) 5 Page - Agere Systems

Part # TSI-8
Description  8K x 8K Time-Slot Interchanger
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TSI-8 Datasheet(HTML) 5 Page - Agere Systems

  TSI-8 Datasheet HTML 1Page - Agere Systems TSI-8 Datasheet HTML 2Page - Agere Systems TSI-8 Datasheet HTML 3Page - Agere Systems TSI-8 Datasheet HTML 4Page - Agere Systems TSI-8 Datasheet HTML 5Page - Agere Systems TSI-8 Datasheet HTML 6Page - Agere Systems TSI-8 Datasheet HTML 7Page - Agere Systems TSI-8 Datasheet HTML 8Page - Agere Systems TSI-8 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Hardware Design Guide, Revision 1
TSI-8
November 2, 2005
8K x 8K Time-Slot Interchanger
Agere Systems Inc.
5
Table 3-1. Package Ball Assignments in Signal Name Order (continued)
Symbol
Ball
Symbol
Ball
Symbol
Ball
Symbol
Ball
VSS
B2
VSS
C8
VSS
J9
VSS
R4
VSS
B3
VSS
C11
VSS
J10
VSS
R5
VSS
B4
VSS
C15
VSS
J11
VSS
R6
VSS
B5
VSS
C16
VSS
J15
VSS
R9
VSS
B6
VSS
D3
VSS
K4
VSS
R10
VSS
B7
VSS
D4
VSS
K8
VSS
R15
VSS
B8
VSS
D8
VSS
K9
VSS
T3
VSS
B9
VSS
D11
VSS
K10
VSS
T12
VSS
B10
VSS
D15
VSS
K11
VSS
T13
VSS
B11
VSS
E4
VSS
L3
VSS
T16
VSS
B12
VSS
F4
VSS
L8
VSS
U2
VSS
B13
VSS
F16
VSS
L9
VSS
U17
VSS
B14
VSS
H8
VSS
L10
VSS
U18
VSS
B15
VSS
H9
VSS
L11
VSS
V1
VSS
B16
VSS
H10
VSS
L15
VSS
V18
VSS
B17
VSS
H11
VSS
M3
VSSPLL
R13
VSS
C3
VSS
J4
VSS
N4
VSS
C4
VSS
J8
VSS
P4


Similar Part No. - TSI-8

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TSI-1 AGERE-TSI-1 Datasheet
1,012Kb / 61P
   1k x 1k Time-Slot Interchanger
TSI-2 AGERE-TSI-2 Datasheet
1,016Kb / 61P
   2k x 2k Time-Slot Interchanger
TSI-4 AGERE-TSI-4 Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
More results

Similar Description - TSI-8

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TSI-2 AGERE-TSI-2 Datasheet
1,016Kb / 61P
   2k x 2k Time-Slot Interchanger
TSI-1 AGERE-TSI-1 Datasheet
1,012Kb / 61P
   1k x 1k Time-Slot Interchanger
TSI-4 AGERE-TSI-4 Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Austin Semiconductor
MT5C6408 AUSTIN-MT5C6408 Datasheet
100Kb / 12P
   8K x 8 SRAM
logo
Pyramid Semiconductor C...
PYX28C64 PYRAMID-PYX28C64 Datasheet
147Kb / 11P
   8K x 8 EEPROM
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Zentrum Mikroelektronik...
U6264AS1A07 ZMD-U6264AS1A07 Datasheet
167Kb / 8P
   Automotive 8K x 8 SRAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY7C265 CYPRESS-CY7C265 Datasheet
327Kb / 11P
   8K x 8 Registered PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com