Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFRA84J13DS1 Datasheet(PDF) 9 Page - Agere Systems

Part # TFRA84J13DS1
Description  Ultraframer DS3/E3/DS2/E2/DS1/E1/DS0
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TFRA84J13DS1 Datasheet(HTML) 9 Page - Agere Systems

Back Button TFRA84J13DS1 Datasheet HTML 5Page - Agere Systems TFRA84J13DS1 Datasheet HTML 6Page - Agere Systems TFRA84J13DS1 Datasheet HTML 7Page - Agere Systems TFRA84J13DS1 Datasheet HTML 8Page - Agere Systems TFRA84J13DS1 Datasheet HTML 9Page - Agere Systems TFRA84J13DS1 Datasheet HTML 10Page - Agere Systems TFRA84J13DS1 Datasheet HTML 11Page - Agere Systems TFRA84J13DS1 Datasheet HTML 12Page - Agere Systems TFRA84J13DS1 Datasheet HTML 13Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Product Description, Revision 4
TFRA84J13 Ultraframer
April 29, 2005
DS3/E3/DS2/E2/DS1/E1/DS0
Agere Systems Inc.
9
4.3 DS1/E1 to/from DS0/E0 Application
2016 DS0/E0s are input from a switch, DS1/E1 framed, and output to 84 DS1/63 E3 LIUs.
Similarly, 84 DS1s/63 E1s are input from the LIUs, deMUXed, and output as 2016 DS0s/E0s.
The DS1s/E1s will be received/transmitted by the device via the LINERX/TXDATA pins.
The DS0s/E0s will be received/transmitted by the device via the CHIRX/TXDATA pins.
The system interface can be the CHI (concentrated highway interface) or PSB (parallel system bus):
— CHI can be programmed to operate at 8.192 MHz or 16.384 MHz clock and data rates.
— The PSB interface consists of a 16-bit wide parallel bus operating at 19.44 Mbits/s.
All three instances of the 28/21 channel framers are configured identically for switching mode (DS1/E1 to/from DS0/E0)
of operation.
DS1/E1 level performance monitoring capabilities on all channels in the Rx direction (DS1/E1 to DS0/E0) of the signal
path.
Figure 4-3. 84 DS1s/63 E1s to/from 2016 DS0s/E0s Configuration
SYSTEM INTERFACE
(CHI OR PSB)
ULTRAFRAMER
DS1/E1
(2016)
DS0/E0
84/63
SWITCH
CLK GEN
TSWC01622
REF CLK
DS1/E1 LIU


Similar Part No. - TFRA84J13DS1

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TFRA08C13 AGERE-TFRA08C13 Datasheet
2Mb / 188P
   TFRA08C13 OCTAL T1/E1 Framer
TFRA08C13-DB AGERE-TFRA08C13-DB Datasheet
2Mb / 188P
   TFRA08C13 OCTAL T1/E1 Framer
More results

Similar Description - TFRA84J13DS1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
   CMOS E2/E3 Framer (E2/E3F)
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_07 Datasheet
7Mb / 339P
   28-CHANNEL DS1/E1 FRAMER/LIU WITH DS3 MUX & VT-MAPPER - SONET
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
logo
Maxim Integrated Produc...
DS3112RD MAXIM-DS3112RD Datasheet
846Kb / 12P
   DS3/E3 Multiplexer Reference Design
REV: 082103
DS3170 MAXIM-DS3170_11 Datasheet
2Mb / 230P
   DS3/E3 Single-Chip Transceiver Single-Chip Transceiver for DS3 and E3
Rev 2; 3/11
DS3170 MAXIM-DS3170 Datasheet
1Mb / 233P
   DS3/E3 Single-Chip Transceiver
REV: 101404
logo
Asahi Kasei Microsystem...
AK2504A AKM-AK2504A Datasheet
185Kb / 30P
   DS3/STS-1/E3 Transceiver
logo
XFMRS Inc.
XF0196-32S XFMRS-XF0196-32S Datasheet
58Kb / 1P
   T3/E3/DS3 QUAD PORT
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A Datasheet
23Kb / 1P
   Bt8330EPJC - DS3/E3 Framer Revision
logo
XFMRS Inc.
XF0506-20 XFMRS-XF0506-20_15 Datasheet
36Kb / 1P
   T3/DS3/E3/STS-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com