Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USS810M-D Datasheet(PDF) 1 Page - Agere Systems

Part # USS810M-D
Description  USB 2.0 Full-Speed/Low-Speed Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

USS810M-D Datasheet(HTML) 1 Page - Agere Systems

  USS810M-D Datasheet HTML 1Page - Agere Systems USS810M-D Datasheet HTML 2Page - Agere Systems USS810M-D Datasheet HTML 3Page - Agere Systems USS810M-D Datasheet HTML 4Page - Agere Systems USS810M-D Datasheet HTML 5Page - Agere Systems USS810M-D Datasheet HTML 6Page - Agere Systems USS810M-D Datasheet HTML 7Page - Agere Systems USS810M-D Datasheet HTML 8Page - Agere Systems USS810M-D Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet, Rev. 6
March 2006
USS810 USB 2.0
Full-Speed/Low-Speed Transceiver
1 Features
Complies with Universal Serial Bus Specification
Rev. 2.0.
Can be used as a USB device transceiver or a
USB host transceiver.
Supports full-speed (12 Mbits/s) and low-speed
(1.5 Mbits/s) serial data rates.
Includes two single-ended receivers with hystere-
sis.
Low-power operation helps maximize battery life of
portable electronic devices.
Available in a small MLCC16 package measuring
3 mm x 3 mm. (A lead-free package is also avail-
able. See Ordering Information on page 14.)
Supports a digital I/O voltage range from 1.75 V to
3.3 V.
Supports the full industrial operating temperature
range,
−40 °C to +85 °C.
2 Description
Agere’s USS810 is a Universal Serial Bus (USB)
transceiver that is fully compliant with the Universal
Serial Bus Specification Rev. 2.0. The USS810 can
transmit and receive serial data at full-speed
(12 Mbits/s) and low-speed (1.5 Mbits/s) data rates
and, therefore, can be used as either a USB device
transceiver or a USB host transceiver.
Since the USS810 operates at digital I/O voltages
between 1.75 V to 3.3 V, it is particularly suitable for
portable electronic devices such as mobile phones,
digital still cameras, personal digital assistants
(PDAs), and a variety of information appliances. This
transceiver provides an ideal interface to the physical
layer of the universal serial bus for application-spe-
cific ICs (ASICs) and programmable logic devices
(PLDs) with power supply voltages in the above
range.
The USB transceiver is currently available in an
MLCC16 package that supports single-ended input
data interface.
3 Suitable Applications
Portable electronic devices, such as the following:
Mobile phone
Digital still camera
Personal digital assistant (PDA)
Information appliances


Similar Part No. - USS810M-D

ManufacturerPart #DatasheetDescription
logo
Agere Systems
USS820D-DB AGERE-USS820D-DB Datasheet
868Kb / 58P
   USS-820D USB Device Controller
USS820FD AGERE-USS820FD Datasheet
890Kb / 56P
   USB Device Controller
USS820TD-DB AGERE-USS820TD-DB Datasheet
868Kb / 58P
   USS-820D USB Device Controller
More results

Similar Description - USS810M-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
   High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
C-Media Electronics
CM6533-N CMEDIA-CM6533-N Datasheet
1Mb / 60P
   USB 2.0 Full-Speed compliant
CM6535 CMEDIA-CM6535 Datasheet
1Mb / 57P
   USB 2.0 full-speed compliant
CM6571 CMEDIA-CM6571 Datasheet
1Mb / 63P
   USB 2.0 full speed-compliant
CM6533DH CMEDIA-CM6533DH Datasheet
1Mb / 60P
   USB 2.0 Full-Speed compliant
CM6533 CMEDIA-CM6533 Datasheet
1Mb / 60P
   USB 2.0 Full-Speed compliant
logo
Maxim Integrated Produc...
MAX3349E MAXIM-MAX3349E Datasheet
371Kb / 16P
   Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 1; 5/11
MAX3349EA MAXIM-MAX3349EA Datasheet
382Kb / 17P
   USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 0; 10/06
logo
STMicroelectronics
STOTG04ES STMICROELECTRONICS-STOTG04ES Datasheet
474Kb / 26P
   USB-OTG Full-speed Transceiver
STOTG04E STMICROELECTRONICS-STOTG04E Datasheet
477Kb / 26P
   USB-OTG Full-speed Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com