Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23L1613TC-70 Datasheet(PDF) 3 Page - Macronix International

Part # MX23L1613TC-70
Description  16M-BIT MASK ROM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L1613TC-70 Datasheet(HTML) 3 Page - Macronix International

  MX23L1613TC-70 Datasheet HTML 1Page - Macronix International MX23L1613TC-70 Datasheet HTML 2Page - Macronix International MX23L1613TC-70 Datasheet HTML 3Page - Macronix International MX23L1613TC-70 Datasheet HTML 4Page - Macronix International MX23L1613TC-70 Datasheet HTML 5Page - Macronix International MX23L1613TC-70 Datasheet HTML 6Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
P/N:PM0620
REV. 1.8, NOV. 28, 2005
MX23L1613
AC Test Conditions
Input Pulse Levels
0V~ 3.0V
Input Rise and Fall Times
5ns
Input Timing Level
1.5V
Output Timing Level
1.5V
Output Load
See Figure
TIMING DIAGRAM
RANDOM READ
Note:
30pF output load capacitance for 70 and 90ns
speed grade
tACE
tAA
tOH
tHZ
ADD
ADD
ADD
ADD
CE#
OE#
DATA
VALID
VALID
VALID
tRC
tOE
Note:No output loading is present in tester load board.
Active loading is used and under software programming control.
Output loading capacitance includes load board's and all stray capacitance.
DOUT
C<30pF
IOL (load)=1.6mA
IOH (load)=-0.4mA


Similar Part No. - MX23L1613TC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L1610 MCNIX-MX23L1610 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-10 MCNIX-MX23L1610MC-10 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-10G MCNIX-MX23L1610MC-10G Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-12 MCNIX-MX23L1610MC-12 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-12G MCNIX-MX23L1610MC-12G Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
More results

Similar Description - MX23L1613TC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L1612 MCNIX-MX23L1612 Datasheet
157Kb / 6P
   16M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR016 SONIX-SNR016 Datasheet
179Kb / 9P
   16M-bit Mask ROM
logo
Macronix International
MX23L1614 MCNIX-MX23L1614 Datasheet
307Kb / 8P
   16M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L1600D GENERALPLUS-GPR23L1600D Datasheet
331Kb / 10P
   16M-Bit Mask ROM
logo
Macronix International
MX23L1651 MCNIX-MX23L1651 Datasheet
218Kb / 13P
   16M-BIT [16M x 1] CMOS SERIAL MASK-ROM
MX23L1622 MCNIX-MX23L1622 Datasheet
43Kb / 6P
   16M-BIT MASK ROM (16/32 BIT OUTPUT)
logo
List of Unclassifed Man...
N55S016 ETC2-N55S016 Datasheet
492Kb / 17P
   16M-BIT Low Voltage, Serial MASK ROM
logo
AMIC Technology
A23L3616 AMICC-A23L3616 Datasheet
193Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23L6414 MCNIX-MX23L6414 Datasheet
41Kb / 6P
   64M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008_05 Datasheet
190Kb / 9P
   8M-bit Mask ROM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com