Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23L3212XI-90G Datasheet(PDF) 1 Page - Macronix International

Part # MX23L3212XI-90G
Description  32M-BIT MASK ROM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L3212XI-90G Datasheet(HTML) 1 Page - Macronix International

  MX23L3212XI-90G Datasheet HTML 1Page - Macronix International MX23L3212XI-90G Datasheet HTML 2Page - Macronix International MX23L3212XI-90G Datasheet HTML 3Page - Macronix International MX23L3212XI-90G Datasheet HTML 4Page - Macronix International MX23L3212XI-90G Datasheet HTML 5Page - Macronix International MX23L3212XI-90G Datasheet HTML 6Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
P/N:PM0824
REV. 1.7, JUL. 30, 2004
FEATURES
• Bit organization
- 4M x 8 (byte mode)
- 2M x 16 (word mode)
• Fast access time
- Random access:90ns(max.)
• Current
- Operating:16mA
- Standby:5uA
• Supply voltage
- 2.7V ~ 3.6V
• Package
- 48 ball mini BGA (7.0mm x 7.0mm, ball pitch
0.8mm, ball size 0.4mm)
Note: die form: 3.0~3.6V : 70ns/2.7~3.6V : 90ns
PIN DESCRIPTION
Symbol
Pin Function
A0~A20
Address Inputs
D0~D14
Data Outputs
D15/A-1
D15 (Word Mode)/ LSB Address
(Byte Mode)
CE#
Chip Enable Input
OE#
Output Enable Input
Byte#
Word/ Byte Mode Selection
VCC
Power Supply Pin
VSS
Ground Pin
NC
No Connection
PIN CONFIGURATION
MX23L3212
32M-BIT MASK ROM
48 mini BGA (Top View, Ball Down)
A1
A3
A2
A7
A3
NC
A4
NC
A5
A9
A6
A13
B1
A4
B2
A17
B3
NC
B4
NC
B5
A8
B6
A12
C1
A2
C2
A6
C3
A18
C4
NC
C5
A10
C6
A14
D1
A1
D2
A5
D3
A20
D4
A19
D5
A11
D6
A15
E1
A0
E2
D0
E3
D2
E4
D5
E5
D7
E6
A16
F1
CE#
F2
D8
F3
D10
F4
D12
F5
D14
F6
BYTE#
G1
OE#
G2
D9
G3
D11
G4
Vcc
G5
D13
G6
D15/A-1
H1
Vss
H2
D1
H3
D3
H4
D4
H5
D6
H6
Vss
7.0 mm
7.0 mm


Similar Part No. - MX23L3212XI-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-10 MCNIX-MX23L3210MC-10 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-12 MCNIX-MX23L3210MC-12 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-15 MCNIX-MX23L3210MC-15 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210RC-10 MCNIX-MX23L3210RC-10 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
More results

Similar Description - MX23L3212XI-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L3213 MCNIX-MX23L3213 Datasheet
181Kb / 6P
   32M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L3200E GENERALPLUS-GPR23L3200E Datasheet
238Kb / 10P
   32M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR032 SONIX-SNR032 Datasheet
250Kb / 10P
   32M-bit Mask ROM
logo
Macronix International
MX23L3216 MCNIX-MX23L3216 Datasheet
39Kb / 5P
   32M-BIT MASK ROM
MX23L3214 MCNIX-MX23L3214 Datasheet
435Kb / 9P
   32M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L3211E GENERALPLUS-GPR23L3211E Datasheet
302Kb / 10P
   32M-Bit Page Mode Mask Rom
logo
Samsung semiconductor
K3P6C2000B-SC SAMSUNG-K3P6C2000B-SC Datasheet
63Kb / 4P
   32M-Bit (2Mx16 /1Mx32) CMOS MASK ROM
logo
Macronix International
MX23L3222 MCNIX-MX23L3222 Datasheet
37Kb / 6P
   32M-BIT MASK ROM (16/32 BIT OUTPUT)
MX23C3210 MCNIX-MX23C3210_99 Datasheet
118Kb / 8P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
logo
Samsung semiconductor
KM23V32005BG SAMSUNG-KM23V32005BG Datasheet
87Kb / 5P
   32M-Bit (4Mx8/2Mx16) COMS MASK ROM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com