Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23L1614-10 Datasheet(PDF) 2 Page - Macronix International

Part # MX23L1614-10
Description  16M-BIT MASK ROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L1614-10 Datasheet(HTML) 2 Page - Macronix International

  MX23L1614-10 Datasheet HTML 1Page - Macronix International MX23L1614-10 Datasheet HTML 2Page - Macronix International MX23L1614-10 Datasheet HTML 3Page - Macronix International MX23L1614-10 Datasheet HTML 4Page - Macronix International MX23L1614-10 Datasheet HTML 5Page - Macronix International MX23L1614-10 Datasheet HTML 6Page - Macronix International MX23L1614-10 Datasheet HTML 7Page - Macronix International MX23L1614-10 Datasheet HTML 8Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
P/N:PM0726
REV. 2.1, MAR. 28, 2003
MX23L1614
48 Mini BGA (Top View, Ball Down)
ORDER INFORMATION
Part No.
Speed
Package
Grade
MX23L1614TI-70
70ns
48 pin TSOP
Industrial
MX23L1614TI-90
90ns
48 pin TSOP
Industrial
MX23L1614TI-10
100ns
48 pin TSOP
Industrial
MX23L1614XI-70
70ns
48 ball mini BGA
Industrial
MX23L1614XI-90
90ns
48 ball mini BGA
Industrial
MX23L1614XI-10
100ns
48 ball mini BGA
Industrial
A1
A13
B1
A14
C1
A15
D1
A16
E1
VCCQ
F1
GND
A2
A11
B2
A10
C2
A12
D2
D14
E2
D15
F2
D7
A3
A8
B3
NC
C3
A9
D3
D5
E3
D6
F3
D13
A4
NC
B4
NC
C4
NC
D4
D11
E4
D12
F4
D4
A5
NC
B5
A18
C5
NC
D5
D2
E5
D3
F5
VCC
A6
A19
B6
A17
C6
A6
D6
D8
E6
D9
F6
D10
A7
A7
B7
A5
C7
A3
D7
CE#
E7
D0
F7
D1
A8
A4
B8
A2
C8
A1
D8
A0
E8
GND
F8
OE#
8.0 mm
6.0 mm
Note: Industrial grade temperature: -40 ~ 85
° C
Commercial grade temperature: 0 ~ 70
° C


Similar Part No. - MX23L1614-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L1610 MCNIX-MX23L1610 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-10 MCNIX-MX23L1610MC-10 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-10G MCNIX-MX23L1610MC-10G Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-12 MCNIX-MX23L1610MC-12 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX23L1610MC-12G MCNIX-MX23L1610MC-12G Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
More results

Similar Description - MX23L1614-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L1612 MCNIX-MX23L1612 Datasheet
157Kb / 6P
   16M-BIT MASK ROM
MX23L1613 MCNIX-MX23L1613 Datasheet
182Kb / 6P
   16M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR016 SONIX-SNR016 Datasheet
179Kb / 9P
   16M-bit Mask ROM
logo
Generalplus Technology ...
GPR23L1600D GENERALPLUS-GPR23L1600D Datasheet
331Kb / 10P
   16M-Bit Mask ROM
logo
Macronix International
MX23L1651 MCNIX-MX23L1651 Datasheet
218Kb / 13P
   16M-BIT [16M x 1] CMOS SERIAL MASK-ROM
MX23L1622 MCNIX-MX23L1622 Datasheet
43Kb / 6P
   16M-BIT MASK ROM (16/32 BIT OUTPUT)
logo
List of Unclassifed Man...
N55S016 ETC2-N55S016 Datasheet
492Kb / 17P
   16M-BIT Low Voltage, Serial MASK ROM
logo
AMIC Technology
A23L3616 AMICC-A23L3616 Datasheet
193Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23L6414 MCNIX-MX23L6414 Datasheet
41Kb / 6P
   64M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008_05 Datasheet
190Kb / 9P
   8M-bit Mask ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com