Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS7740G Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BTS7740G
Description  TrilithIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7740G Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BTS7740G Datasheet HTML 7Page - Infineon Technologies AG BTS7740G Datasheet HTML 8Page - Infineon Technologies AG BTS7740G Datasheet HTML 9Page - Infineon Technologies AG BTS7740G Datasheet HTML 10Page - Infineon Technologies AG BTS7740G Datasheet HTML 11Page - Infineon Technologies AG BTS7740G Datasheet HTML 12Page - Infineon Technologies AG BTS7740G Datasheet HTML 13Page - Infineon Technologies AG BTS7740G Datasheet HTML 14Page - Infineon Technologies AG BTS7740G Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
BTS 7740 G
Data Sheet
11
2001-02-01
Thermal Shutdown
Thermal shutdown junction
temperature
T
j SD
155
180
190
C–
Thermal switch-on junction
temperature
T
j SO
150
170
180
C–
Temperature hysteresis
αT
–10
C
αT = TjSD TjSO
Status Flag Output ST of highside switch
Low output voltage
V
ST L
–0.2
0.6
V
I
ST = 1.6 mA
Leakage current
I
ST LK
––10
←A
V
ST = 5 V
Zener-limit-voltage
V
ST Z
5.4
V
I
ST = 1.6 mA
Switching times of highside switch
Turn-ON-time;
to 90%
V
SH
t
ON
85
180
←sRLoad = 12 τ
V
S = 12 V
Turn-OFF-time;
to 10%
V
SH
t
OFF
80
180
←sRLoad = 12 τ
V
S = 12 V
Slew rate on 10 to 30%
V
SH dV/dtON
––1.1
V/
←sRLoad = 12 τ
V
S = 12 V
Slew rate off 70 to 40%
V
SH -dV/
dt
OFF
––1.5
V/
←sRLoad = 12 τ
V
S = 12 V
Note: switching times are guaranteed by design
3.3
Electrical Characteristics (cont’d)
I
SH1 = ISH2 = ISL1 = ISL2 = 0 A; – 40
C < Tj < 150 C; 8 V < VS < 18 V
unless otherwise specified
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.


Similar Part No. - BTS7740G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7741G INFINEON-BTS7741G Datasheet
284Kb / 16P
   TrilithIC
2003-03-06
logo
Siemens Semiconductor G...
BTS774G SIEMENS-BTS774G Datasheet
94Kb / 17P
   TrilithIC
More results

Similar Description - BTS7740G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7710GP INFINEON-BTS7710GP Datasheet
238Kb / 16P
   TrilithIC
2001-02-01
logo
Siemens Semiconductor G...
BTS774G SIEMENS-BTS774G Datasheet
94Kb / 17P
   TrilithIC
logo
Infineon Technologies A...
BTM7750GP INFINEON-BTM7750GP Datasheet
352Kb / 18P
   TrilithIC
Rev. 1.0, July 2008
BTS780GP INFINEON-BTS780GP Datasheet
314Kb / 18P
   TrilithIC
1999-06-22
BTS7750G INFINEON-BTS7750G Datasheet
226Kb / 16P
   TrilithIC
2001-02-01
BTM7810K INFINEON-BTM7810K Datasheet
567Kb / 18P
   TrilithIC
Rev. 1.0, May 2008
BTM7710G INFINEON-BTM7710G Datasheet
322Kb / 18P
   TrilithIC
Rev. 1.0, June 2008
BTM7740G INFINEON-BTM7740G Datasheet
330Kb / 18P
   TrilithIC
Rev. 1.0, May 2007
BTM7811K INFINEON-BTM7811K Datasheet
573Kb / 19P
   TrilithIC
Rev. 1.0, May 2008
BTS7741G INFINEON-BTS7741G Datasheet
284Kb / 16P
   TrilithIC
2003-03-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com