Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23L3254MC-20 Datasheet(PDF) 9 Page - Macronix International

Part # MX23L3254MC-20
Description  32M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L3254MC-20 Datasheet(HTML) 9 Page - Macronix International

Back Button MX23L3254MC-20 Datasheet HTML 5Page - Macronix International MX23L3254MC-20 Datasheet HTML 6Page - Macronix International MX23L3254MC-20 Datasheet HTML 7Page - Macronix International MX23L3254MC-20 Datasheet HTML 8Page - Macronix International MX23L3254MC-20 Datasheet HTML 9Page - Macronix International MX23L3254MC-20 Datasheet HTML 10Page - Macronix International MX23L3254MC-20 Datasheet HTML 11Page - Macronix International MX23L3254MC-20 Datasheet HTML 12Page - Macronix International MX23L3254MC-20 Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
P/N: PM1167
REV. 1.2, JUN. 08, 2005
MX23L3254
POWER-UP AND POWER-DOWN
At Power-up and Power-down, the device must not be
selected (that is Chip Select (S#) must follow the voltage
applied on VCC ) until VCC reaches the correct value:
- VCC(min) at Power-up, and then for a further delay of
tVSL
- VSS at Power-down
Usually a simple pull-up resistor on Chip Select (S#) can
be used to insure safe and proper Power-up and Power-
down.
To avoid data corruption and inadvertent write operations
during power up, a Power On Reset (POR) circuit is
included. The logic inside the device is held reset while
VCC is less than the POR threshold value, VWI -- all
operations are disabled, and the device does not respond
to any instruction.
These values are specified in Table 2.
Figure 6. Power-up Timing
If the delay, tVSL, has elapsed, after VCC has risen
above VCC (min), the device can be selected for READ
instructions even if the tPUW delay is not yet fully
elapsed.
At Power-up, the device is in the following state:
- The device is in the Standby mode.
Normal precautions must be taken for supply rail
decoupling, to stablise the VCC feed. Each device in a
system should have the VCC rail decoupled by a suitable
capacitor close to the package pins.
(Generally, this capacitor is of the order of 0.1uF).
At Power-down, when VCC drops from the operating
voltage, to below the POR threshold value, VWI , all
operations are disabled and the device does not respond
to any instruction.
VCC
VCC(min)
VWI
Reset State
of the
Device
Chip Selection Not Allowed
tVSL
tPUW
time
Read Access allowed
Device fully
accessible
VCC(max)


Similar Part No. - MX23L3254MC-20

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-10 MCNIX-MX23L3210MC-10 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-12 MCNIX-MX23L3210MC-12 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-15 MCNIX-MX23L3210MC-15 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210RC-10 MCNIX-MX23L3210RC-10 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
More results

Similar Description - MX23L3254MC-20

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPR26L320A GENERALPLUS-GPR26L320A Datasheet
274Kb / 16P
   32M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
GPR26L128A GENERALPLUS-GPR26L128A Datasheet
307Kb / 16P
   128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
logo
Macronix International
MX23L6454 MCNIX-MX23L6454 Datasheet
208Kb / 18P
   64M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
logo
Generalplus Technology ...
GPR26L640A GENERALPLUS-GPR26L640A Datasheet
299Kb / 16P
   64M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
logo
Macronix International
MX23L12854 MCNIX-MX23L12854 Datasheet
203Kb / 18P
   128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
logo
Nuvoton Technology Corp...
N55S064 NUVOTON-N55S064 Datasheet
196Kb / 17P
   64M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
Macronix International
MX23L1654 MCNIX-MX23L1654 Datasheet
208Kb / 18P
   16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
Generalplus Technology ...
GPR26L080A GENERALPLUS-GPR26L080A Datasheet
287Kb / 17P
   8M-BIT Low Voltage, Serial Mask ROM with 50MHz SPI Bus Interface
GPR26L160A GENERALPLUS-GPR26L160A Datasheet
256Kb / 16P
   16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
Nuvoton Technology Corp...
N55S016 NUVOTON-N55S016 Datasheet
492Kb / 17P
   16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com