Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23L3214-10 Datasheet(PDF) 8 Page - Macronix International

Part # 23L3214-10
Description  32M-BIT MASK ROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

23L3214-10 Datasheet(HTML) 8 Page - Macronix International

  23L3214-10 Datasheet HTML 1Page - Macronix International 23L3214-10 Datasheet HTML 2Page - Macronix International 23L3214-10 Datasheet HTML 3Page - Macronix International 23L3214-10 Datasheet HTML 4Page - Macronix International 23L3214-10 Datasheet HTML 5Page - Macronix International 23L3214-10 Datasheet HTML 6Page - Macronix International 23L3214-10 Datasheet HTML 7Page - Macronix International 23L3214-10 Datasheet HTML 8Page - Macronix International 23L3214-10 Datasheet HTML 9Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
P/N:PM0754
REV. 2.2, MAY. 30, 2005
MX23L3214
REVISION HISTORY
Revision # Description
Page
Date
0.1
Modify Mode Selection-- L, H, High Z, Active
P1
DEC/14/2000
1.0
Change from Advanced Information to Preliminary
P1
DEC/29/2000
1.1
Modify Fast access time:80ns-->70ns
P1,2
JAN/18/2001
1.2
Delete Preliminary
P1
APR/09/2001
Modify 48 ball mini BGA(8.0mm X 10.0mm)-->(7.95mm X 9.95mm)
P1
1.3
Add Package Information
P4
APR/13/2001
1.4
Modify Package Information
P4
JUN/20/2001
1.5
Add 48-Pin TSOP & Package Information
P1,2,6
JUN/28/2001
Modify Supply Voltage--VCC/VCCQ:2.7~3.3V-->2.7~3.6V
P1,3
1.6
Added Order Information
P2
JUL/11/2001
1.7
Added 48 ball mini BGA (7.0mm x 7.0mm, ball pitch 0.75mm), under
P1
JUL/13/2001
development
1.8
1.Modify DC Characteristics--VOH:VCCQ-0.1V-->2.4V, IOH=-100uA--> P3
SEP/10/2001
-400uA, VOL:0.1V-->0.4V, IOL:100uA-->1.6mA, VIH:VCCQ-0.4V-->2.2V
2.Modify AC Test Conditions--Input Pulse Levels:0~VCCQ-->0.4V~2.4V, P4
Input/Output Timing Level:VCCQx0.5-->1.5V, Output Load:50pF-->
100pF output load capacitance
1.9
Modify Order Information
P2
SEP/27/2001
Add Access Time:80ns in AC Characteristics
P3
Add CE#=VIL, OE#=VIH in DC Characteristics's ICC
P3
2.0
Modify 48-ball BGA Package Information
P5
MAR/12/2002
2.1
1. To modify Package Information
P5,6,7
MAR/31/2003
2.2
1. Added Pb-free package information
P2
MAY/30/2005


Similar Part No. - 23L3214-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
23L3210-10 MCNIX-23L3210-10 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
23L3210-12 MCNIX-23L3210-12 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
23L3210-15 MCNIX-23L3210-15 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
23L3210-70 MCNIX-23L3210-70 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
23L3210-90 MCNIX-23L3210-90 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
More results

Similar Description - 23L3214-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L3213 MCNIX-MX23L3213 Datasheet
181Kb / 6P
   32M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L3200E GENERALPLUS-GPR23L3200E Datasheet
238Kb / 10P
   32M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR032 SONIX-SNR032 Datasheet
250Kb / 10P
   32M-bit Mask ROM
logo
Macronix International
MX23L3212 MCNIX-MX23L3212 Datasheet
156Kb / 6P
   32M-BIT MASK ROM
MX23L3216 MCNIX-MX23L3216 Datasheet
39Kb / 5P
   32M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L3211E GENERALPLUS-GPR23L3211E Datasheet
302Kb / 10P
   32M-Bit Page Mode Mask Rom
logo
Samsung semiconductor
K3P6C2000B-SC SAMSUNG-K3P6C2000B-SC Datasheet
63Kb / 4P
   32M-Bit (2Mx16 /1Mx32) CMOS MASK ROM
logo
Macronix International
MX23L3222 MCNIX-MX23L3222 Datasheet
37Kb / 6P
   32M-BIT MASK ROM (16/32 BIT OUTPUT)
MX23C3210 MCNIX-MX23C3210_99 Datasheet
118Kb / 8P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
logo
Samsung semiconductor
KM23V32005BG SAMSUNG-KM23V32005BG Datasheet
87Kb / 5P
   32M-Bit (4Mx8/2Mx16) COMS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com