Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29DL323DB120 Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM29DL323DB120
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL323DB120 Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM29DL323DB120 Datasheet HTML 4Page - Advanced Micro Devices AM29DL323DB120 Datasheet HTML 5Page - Advanced Micro Devices AM29DL323DB120 Datasheet HTML 6Page - Advanced Micro Devices AM29DL323DB120 Datasheet HTML 7Page - Advanced Micro Devices AM29DL323DB120 Datasheet HTML 8Page - Advanced Micro Devices AM29DL323DB120 Datasheet HTML 9Page - Advanced Micro Devices AM29DL323DB120 Datasheet HTML 10Page - Advanced Micro Devices AM29DL323DB120 Datasheet HTML 11Page - Advanced Micro Devices AM29DL323DB120 Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
June 10, 2003
Am29DL322D/323D/324D
7
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in
volume for this device. Consult the local AMD sales office to con-
firm availability of specific valid combinations and to check on
newly released combinations.
Am29DL322D/323D/324D
T
70R
E
I
OPTIONAL PROCESSING
Blank =
Standard Processing
N
=
16-byte ESN devices
(Contact an AMD representative for more information)
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
E
=
Extended (–55
°C to +125°C)
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package
(TSOP) Standard Pinout (TS 048)
WD
=
63-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 8 x 14 mm package (FBD063)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top sector
B
=
Bottom sector
DEVICE NUMBER/DESCRIPTION
Am29DL322D/323D/324D
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS Flash Memory
3.0 Volt-only Read, Program, and Erase
Valid Combinations for TSOP Packages
AM29DL322DT70R,
AM29DL322DB70R
EI, EIN
AM29DL323DT70R,
AM29DL323DB70R
AM29DL324DT70R,
AM29DL324DB70R
AM29DL322DT90,
AM29DL322DB90
AM29DL323DT90,
AM29DL323DB90
AM29DL324DT90,
AM29DL324DB90
AM29DL322DT120,
AM29DL322DB120
EI, EIN, EE, EEN
AM29DL323DT120,
AM29DL323DB120
AM29DL324DT120,
AM29DL324DB120
Valid Combinations for FBGA Packages
Order Number
Package Marking
AM29DL322DT70R,
AM29DL322DB70R
WDI,
WDIN
D322DT70R,
D322DB70R
I
AM29DL323DT70R,
AM29DL323DB70R
D323DT70R,
D323DB70R
AM29DL324DT70R,
AM29DL324DB70R
D324DT70R,
D324DB70R
AM29DL322DT90,
AM29DL322DB90
D322DT90V,
D322DB90V
AM29DL323DT90,
AM29DL323DB90
D323DT90V,
D323DB90V
AM29DL324DT90,
AM29DL324DB90
D324DT90V,
D324DB90V
AM29DL322DT120,
AM29DL322DB120
WDI,
WDIN,
WDE,
WDEN
D322DT12V,
D322DB12V
I, E
AM29DL323DT120,
AM29DL323DB120
D323DT12V,
D323DB12V
AM29DL324DT120,
AM29DL324DB120
D324DT12V,
D324DB12V


Similar Part No. - AM29DL323DB120

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29DL323DB120EE AMD-AM29DL323DB120EE Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL323DB120EEN AMD-AM29DL323DB120EEN Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL323DB120EI AMD-AM29DL323DB120EI Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL323DB120EIN AMD-AM29DL323DB120EIN Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL323DB120WDE AMD-AM29DL323DB120WDE Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results

Similar Description - AM29DL323DB120

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29DL322C AMD-AM29DL322C Datasheet
691Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DL32XG SPANSION-AM29DL32XG_06 Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL320G AMD-AM29DL320G Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL32XG AMD-AM29DL32XG Datasheet
1,019Kb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322D AMD-AM29DL322D_05 Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DS32XG SPANSION-AM29DS32XG Datasheet
1,003Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DS323D AMD-AM29DS323D Datasheet
1,013Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DS320G SPANSION-AM29DS320G Datasheet
711Kb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DS323D AMD-AM29DS323D_06 Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XD AMD-AM29DL16XD_06 Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com