Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPTC5V030SHMRGT003 Datasheet(PDF) 4 Page - Galaxy Power, Inc.

Part # GPTC5V030SHMRGT003
Description  TAURUS Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPTC5V030SHMRGT003 Datasheet(HTML) 4 Page - Galaxy Power, Inc.

  GPTC5V030SHMRGT003 Datasheet HTML 1Page - Galaxy Power, Inc. GPTC5V030SHMRGT003 Datasheet HTML 2Page - Galaxy Power, Inc. GPTC5V030SHMRGT003 Datasheet HTML 3Page - Galaxy Power, Inc. GPTC5V030SHMRGT003 Datasheet HTML 4Page - Galaxy Power, Inc. GPTC5V030SHMRGT003 Datasheet HTML 5Page - Galaxy Power, Inc. GPTC5V030SHMRGT003 Datasheet HTML 6Page - Galaxy Power, Inc. GPTC5V030SHMRGT003 Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Taurus Series, Page 4
WWW.GALAXYPWR.COM
Part No. 99–001 Rev. 5.0–090803
APPLICATION NOTES
Output Over Voltage Protection:
The output voltage is constantly monitored by the
microprocessor and a redundant secondary side
crowbar circuit that is set to a higher trip point than
the microprocessor protection. If the output voltage
exceeds the over-voltage specification, the
microprocessor will latch the converter off. To turn
the converter on requires either cycling the ON/
OFF pin or power to the converter. This advanced
feature prevents the converter from damaging the
load if there is a converter failure or application
error. If non-latching is required, consult factory.
Thermal Shutdown:
The printed circuit board temperature is measured
using a semiconductor sensor. If the maximum
rated temperature is exceeded, the converter is
latched off. To re-enable the converter requires
cycling the ON/OFF pin or power to the converter.
If non-latching shutdown is required, consult
factory.
Control Options:
As the behavior of the circuit is determined by
firmware in the microcontroller, specific customer
requirements such as:
• non-latching thermal protection
• custom valid input voltage range
• controlled delay from initiating an ON/OFF
signal for power sequencing
can be accomplished with no change to hardware.
The standard behavior was chosen based on
system design experience but we understand that
customers often have their own requirements.
Please consult Galaxy Power for your special
needs.
Remote Sense:
The output voltage is regulated at the point where
the sense pins connect to the power output pins.
Total sense compensation should not exceed 0.4V
or 10% of Vout, whichever is greater.
Safety:
An external input fuse must always be used to
meet these safety requirements.
Trim:
To trim the output voltage higher, connect the
required trim resistor from the Trim pin to the
+Sense pin. To trim the output voltage lower,
connect the required trim resistor from the Trim pin
to the –Sense pin. See diagram below.
External Output Trimming
+ Sense
Trim
– Sense
Trim-down (%)
Trim-up (%)
Trim-down
Trim-up (for 3.3V)
RTRIM-UP =
Vo (100+
∆%)
(100+
2∆%)
k
1.225∆%
∆%
{
}
RTRIM-DOWN =
100
– 2 k
∆%
{
}


Similar Part No. - GPTC5V030SHMRGT003

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
GPTCLS01 CHERRY-GPTCLS01 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
logo
ZF Friedrichshafen AG
GPTCLS01 ZFSWITCHES-GPTCLS01 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
logo
Cherry Semiconductor Co...
GPTCLS11 CHERRY-GPTCLS11 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
logo
ZF Friedrichshafen AG
GPTCLS11 ZFSWITCHES-GPTCLS11 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
logo
Cherry Semiconductor Co...
GPTCNC11 CHERRY-GPTCNC11 Datasheet
453Kb / 4P
   General Purpose Snap Action Switch
More results

Similar Description - GPTC5V030SHMRGT003

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GHTW5V040 GALAXY-GHTW5V040 Datasheet
910Kb / 8P
   TAURUS HC Series Industry?셲 Highest Efficiency DC/DC Converter
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com