Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23L6413-10 Datasheet(PDF) 1 Page - Macronix International

Part # 23L6413-10
Description  64M-BIT FLASH COMPATIBLE MASK ROM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

23L6413-10 Datasheet(HTML) 1 Page - Macronix International

  23L6413-10 Datasheet HTML 1Page - Macronix International 23L6413-10 Datasheet HTML 2Page - Macronix International 23L6413-10 Datasheet HTML 3Page - Macronix International 23L6413-10 Datasheet HTML 4Page - Macronix International 23L6413-10 Datasheet HTML 5Page - Macronix International 23L6413-10 Datasheet HTML 6Page - Macronix International 23L6413-10 Datasheet HTML 7Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
P/N:PM0856
REV. 1.2, MAR. 18, 2003
FEATURES
• Bit organization
- 4M x 16 (byte mode)
• Fast access time
- Random access:90ns(max.)
• Current
- Operating:20mA
- Standby:15uA
• Supply voltage
- VCC : 2.7V~3.6V
- VCCQ : 2.7V~3.6V
• Package
- 48 ball mini BGA (8.0mm x 9.0mm, ball pitch
0.8mm, ball size 0.4mm)
• Temperature
- -40 ~ 85
° C
PIN DESCRIPTION
Symbol
Pin Function
A0~A20
Address Inputs
D0~D15
Data Outputs
CE#
Chip Enable Input
OE#
Output Enable Input
VCC
Power Supply Pin
VSS
Ground Pin
VCCQ
VCC Output Pin
NC
No Connection
PIN CONFIGURATION
MX23L6413
64M-BIT FLASH COMPATIBLE MASK ROM
48 mini BGA (Top View, Ball Down)
A1
A3
A2
A7
A3
NC
A4
NC
A5
A9
A6
A13
B1
A4
B2
A17
B3
NC
B4
NC
B5
A8
B6
A12
C1
A2
C2
A6
C3
A18
C4
A21
C5
A10
C6
A14
D1
A1
D2
A5
D3
A20
D4
A19
D5
A11
D6
A15
E1
A0
E2
D0
E3
D2
E4
D5
E5
D7
E6
A16
F1
CE#
F2
D8
F3
D10
F4
D12
F5
D14
F6
VCCQ
G1
OE#
G2
D9
G3
D11
G4
Vcc
G5
D13
G6
D15
H1
Vss
H2
D1
H3
D3
H4
D4
H5
D6
H6
Vss
8.0 mm
9.0 mm


Similar Part No. - 23L6413-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
23L6410-10 MCNIX-23L6410-10 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
23L6410-12 MCNIX-23L6410-12 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
23L6410-15 MCNIX-23L6410-15 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
23L6410-90 MCNIX-23L6410-90 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
23L6410A-70 MCNIX-23L6410A-70 Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
More results

Similar Description - 23L6413-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L6414 MCNIX-MX23L6414 Datasheet
41Kb / 6P
   64M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L6400E GENERALPLUS-GPR23L6400E Datasheet
342Kb / 10P
   64M-BIT MASK ROM
logo
Macronix International
MX23L6412 MCNIX-MX23L6412 Datasheet
194Kb / 8P
   SEQUENTIAL 64M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L6411E GENERALPLUS-GPR23L6411E Datasheet
301Kb / 10P
   64M-Bit Page Mode Mask ROM
logo
Macronix International
MX23L6423A MCNIX-MX23L6423A Datasheet
184Kb / 6P
   64M-BIT PAGE MODE MASK ROM
MX23L6410A MCNIX-MX23L6410A Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
logo
Samsung semiconductor
KM23C64000T SAMSUNG-KM23C64000T Datasheet
71Kb / 4P
   64M-Bit (8Mx8 /4Mx16) CMOS MASK ROM
K3P7V1000 SAMSUNG-K3P7V1000 Datasheet
62Kb / 4P
   64M-Bit (8Mx8 /4Mx16) CMOS MASK ROM
logo
List of Unclassifed Man...
N55S064 ETC2-N55S064 Datasheet
196Kb / 17P
   64M-BIT Low Voltage, Serial MASK ROM
logo
Macronix International
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com