Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23L6423ATC-70G Datasheet(PDF) 3 Page - Macronix International

Part # MX23L6423ATC-70G
Description  64M-BIT PAGE MODE MASK ROM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L6423ATC-70G Datasheet(HTML) 3 Page - Macronix International

  MX23L6423ATC-70G Datasheet HTML 1Page - Macronix International MX23L6423ATC-70G Datasheet HTML 2Page - Macronix International MX23L6423ATC-70G Datasheet HTML 3Page - Macronix International MX23L6423ATC-70G Datasheet HTML 4Page - Macronix International MX23L6423ATC-70G Datasheet HTML 5Page - Macronix International MX23L6423ATC-70G Datasheet HTML 6Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
P/N:PM1179
REV. 1.5, APR. 15, 2005
MX23L6423A
AC Test Conditions
Input Pulse Levels
0V~ 3.0V
Input Rise and Fall Times
5ns
Input Timing Level
1.5V
Output Timing Level
1.5V
Output Load
See Figure
Note:No output loading is present in tester load board.
Active loading is used and under software programming control.
Output loading capacitance includes load board's and all stray capacitance.
DOUT
C<100pF
IOL (load)=1.6mA
IOH (load)=-0.4mA
TIMING DIAGRAM
RANDOM READ
PAGE READ
tCE
tAA
tOH
tHZ
ADD
ADD
ADD
ADD
CE#
OE#
DATA
VALID
VALID
VALID
tRC
tOE
A3-A21
(A-1),A0,A1,A2
DATA
VALID ADD
VALID
1'st ADD
2'nd ADD
tPA
tAA
3'rd ADD
VALID
VALID


Similar Part No. - MX23L6423ATC-70G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L6422 MCNIX-MX23L6422 Datasheet
181Kb / 7P
   3.3 Volt 64M-BIT (4M x 16 / 2M x 32) Mask ROM with Page Mode
MX23L6422MC-11 MCNIX-MX23L6422MC-11 Datasheet
181Kb / 7P
   3.3 Volt 64M-BIT (4M x 16 / 2M x 32) Mask ROM with Page Mode
MX23L6422MC-11G MCNIX-MX23L6422MC-11G Datasheet
181Kb / 7P
   3.3 Volt 64M-BIT (4M x 16 / 2M x 32) Mask ROM with Page Mode
MX23L6422MC-12 MCNIX-MX23L6422MC-12 Datasheet
181Kb / 7P
   3.3 Volt 64M-BIT (4M x 16 / 2M x 32) Mask ROM with Page Mode
MX23L6422MC-12G MCNIX-MX23L6422MC-12G Datasheet
181Kb / 7P
   3.3 Volt 64M-BIT (4M x 16 / 2M x 32) Mask ROM with Page Mode
More results

Similar Description - MX23L6423ATC-70G

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPR23L6411E GENERALPLUS-GPR23L6411E Datasheet
301Kb / 10P
   64M-Bit Page Mode Mask ROM
logo
Macronix International
MX23L6410A MCNIX-MX23L6410A Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6414 MCNIX-MX23L6414 Datasheet
41Kb / 6P
   64M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L6400E GENERALPLUS-GPR23L6400E Datasheet
342Kb / 10P
   64M-BIT MASK ROM
GPR23L3211E GENERALPLUS-GPR23L3211E Datasheet
302Kb / 10P
   32M-Bit Page Mode Mask Rom
logo
Macronix International
MX23L6412 MCNIX-MX23L6412 Datasheet
194Kb / 8P
   SEQUENTIAL 64M-BIT MASK ROM
MX23L12810A MCNIX-MX23L12810A Datasheet
179Kb / 6P
   128M-BIT PAGE MODE MASK ROM (SOP)
MX23L6411 MCNIX-MX23L6411 Datasheet
487Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM with Page Mode
MX23L6413 MCNIX-MX23L6413 Datasheet
158Kb / 7P
   64M-BIT FLASH COMPATIBLE MASK ROM
logo
Samsung semiconductor
KM23C64000T SAMSUNG-KM23C64000T Datasheet
71Kb / 4P
   64M-Bit (8Mx8 /4Mx16) CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com