Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23L8051 Datasheet(PDF) 5 Page - Macronix International

Part # MX23L8051
Description  8M-BIT [8M x 1] CMOS SERIAL MASK-ROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L8051 Datasheet(HTML) 5 Page - Macronix International

  MX23L8051 Datasheet HTML 1Page - Macronix International MX23L8051 Datasheet HTML 2Page - Macronix International MX23L8051 Datasheet HTML 3Page - Macronix International MX23L8051 Datasheet HTML 4Page - Macronix International MX23L8051 Datasheet HTML 5Page - Macronix International MX23L8051 Datasheet HTML 6Page - Macronix International MX23L8051 Datasheet HTML 7Page - Macronix International MX23L8051 Datasheet HTML 8Page - Macronix International MX23L8051 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
P/N: PM0838
REV. 1.1, JUN. 23, 2003
MX23L8051
NOTICE:
1.Stresses greater than those listed under ABSOLUTE
MAXIMUM RATINGS may cause permanent damage to the
device. This is stress rating only and functional operational
sections of this specification is not implied.
Exposure to
absolute maximum rating conditions for extended period may
affect reliability.
2.Specifications contained within the following tables are
subject to change.
3.During voltage transitions, all pins may overshoot to 4.6V or
-0.5V for period up to 20ns.
4.All input and output pins may overshoot to VCC+0.5V while
VCC+0.5V is smaller than or equal to 4.6V.
RATING
VALUE
Ambient Operating Temperature
0
°Cto70°C
Storage Temperature
-55
°Cto125°C
Applied Input Voltage
-0.5V to 4.6V
Applied Output Voltage
-0.5V to 4.6V
VCC to Ground Potential
-0.5V to 4.6V
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL SPECIFICATIONS
CAPACITANCE TA = 25
° C, f = 1.0 MHz
SYMBOL
PARAMETER
MIN.
TYP
MAX.
UNIT
CONDITIONS
CIN
Input Capacitance
10
pF
VIN = 0V
COUT
Output Capacitance
10
pF
VOUT = 0V
Maximum Negative Overshoot Waveform
0V
-0.5V
20ns
Maximum Positive Overshoot Waveform
4.6V
3.6V
20ns


Similar Part No. - MX23L8051

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L8000 MCNIX-MX23L8000 Datasheet
329Kb / 7P
   8M-BIT MASK ROM (8 BIT OUTPUT)
MX23L8000MC-12 MCNIX-MX23L8000MC-12 Datasheet
329Kb / 7P
   8M-BIT MASK ROM (8 BIT OUTPUT)
MX23L8000MC-15 MCNIX-MX23L8000MC-15 Datasheet
329Kb / 7P
   8M-BIT MASK ROM (8 BIT OUTPUT)
MX23L8000MC-20 MCNIX-MX23L8000MC-20 Datasheet
329Kb / 7P
   8M-BIT MASK ROM (8 BIT OUTPUT)
MX23L8000MI-15 MCNIX-MX23L8000MI-15 Datasheet
329Kb / 7P
   8M-BIT MASK ROM (8 BIT OUTPUT)
More results

Similar Description - MX23L8051

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008_05 Datasheet
190Kb / 9P
   8M-bit Mask ROM
logo
Generalplus Technology ...
GPR23L800D GENERALPLUS-GPR23L800D Datasheet
354Kb / 8P
   8M-BIT MASK ROM
logo
Macronix International
MX23L8103 MCNIX-MX23L8103 Datasheet
309Kb / 8P
   8M-BIT MASK ROM
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
MX23L8102 MCNIX-MX23L8102 Datasheet
156Kb / 6P
   8M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008 Datasheet
324Kb / 9P
   8M-bit Mask ROM
logo
AMIC Technology
A23L2616 AMICC-A23L2616 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L3616 AMICC-A23L3616 Datasheet
193Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM
logo
Samsung semiconductor
KM23V8105D SAMSUNG-KM23V8105D Datasheet
91Kb / 5P
   8M-Bit (1Mx8 /512Kx16) CMOS MASK ROM
logo
AMIC Technology
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com