Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23L8051 Datasheet(PDF) 6 Page - Macronix International

Part # MX23L8051
Description  8M-BIT [8M x 1] CMOS SERIAL MASK-ROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L8051 Datasheet(HTML) 6 Page - Macronix International

Back Button MX23L8051 Datasheet HTML 2Page - Macronix International MX23L8051 Datasheet HTML 3Page - Macronix International MX23L8051 Datasheet HTML 4Page - Macronix International MX23L8051 Datasheet HTML 5Page - Macronix International MX23L8051 Datasheet HTML 6Page - Macronix International MX23L8051 Datasheet HTML 7Page - Macronix International MX23L8051 Datasheet HTML 8Page - Macronix International MX23L8051 Datasheet HTML 9Page - Macronix International MX23L8051 Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
P/N: PM0838
REV. 1.1, JUN. 23, 2003
MX23L8051
INPUT TEST WAVEFORMS AND MEASURESMENT LEVEL
OUTPUT LOADING
DEVICE UNDER
TEST
DIODES=IN3064
OR EQUIVALENT
CL
+3.3V
CL=50pF Including jig capacitance
1.5V
0V
Note:Input pulse rise and fall time are < 10ns
AC
Measurement
Level
3.0V


Similar Part No. - MX23L8051

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L8000 MCNIX-MX23L8000 Datasheet
329Kb / 7P
   8M-BIT MASK ROM (8 BIT OUTPUT)
MX23L8000MC-12 MCNIX-MX23L8000MC-12 Datasheet
329Kb / 7P
   8M-BIT MASK ROM (8 BIT OUTPUT)
MX23L8000MC-15 MCNIX-MX23L8000MC-15 Datasheet
329Kb / 7P
   8M-BIT MASK ROM (8 BIT OUTPUT)
MX23L8000MC-20 MCNIX-MX23L8000MC-20 Datasheet
329Kb / 7P
   8M-BIT MASK ROM (8 BIT OUTPUT)
MX23L8000MI-15 MCNIX-MX23L8000MI-15 Datasheet
329Kb / 7P
   8M-BIT MASK ROM (8 BIT OUTPUT)
More results

Similar Description - MX23L8051

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008_05 Datasheet
190Kb / 9P
   8M-bit Mask ROM
logo
Generalplus Technology ...
GPR23L800D GENERALPLUS-GPR23L800D Datasheet
354Kb / 8P
   8M-BIT MASK ROM
logo
Macronix International
MX23L8103 MCNIX-MX23L8103 Datasheet
309Kb / 8P
   8M-BIT MASK ROM
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
MX23L8102 MCNIX-MX23L8102 Datasheet
156Kb / 6P
   8M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008 Datasheet
324Kb / 9P
   8M-bit Mask ROM
logo
AMIC Technology
A23L2616 AMICC-A23L2616 Datasheet
122Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
A23L3616 AMICC-A23L3616 Datasheet
193Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM
logo
Samsung semiconductor
KM23V8105D SAMSUNG-KM23V8105D Datasheet
91Kb / 5P
   8M-Bit (1Mx8 /512Kx16) CMOS MASK ROM
logo
AMIC Technology
A23L2616 AMICC-A23L2616_15 Datasheet
160Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com