Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F022 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # C8051F022
Description  25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F022 Datasheet(HTML) 2 Page - Silicon Laboratories

  C8051F022 Datasheet HTML 1Page - Silicon Laboratories C8051F022 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Precision Mixed Signal
Copyright © 2004 by Silicon Laboratories
6.15.2004
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
C8051F022
25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
Selected Electrical Specifications
(TA = –40 to +85 C°, VDD = 2.7 V unless otherwise specified)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GLOBAL CHARACTERISTICS
Digital Supply Voltage
2.7
3.6
V
Digital Supply Current
with CPU active
(VDD = 2.7 V)
Clock = 25 MHz
Clock = 1 MHz
Clock = 32 kHz; VDD Monitor Disabled
10
0.8
20
mA
mA
µA
Digital Supply Current
(shutdown)
Oscillator not running; VDD Monitor
Enabled
Oscillator not running; VDD Monitor
Disabled
10
0.1
µA
µA
Digital Supply RAM Data
Retention Voltage
1.5
V
CPU & DIGITAL I/O PORTS
Clock Frequency Range
DC
25
MHz
Port Output High Voltage
IOH = -3 mA, Port I/O push-pull
VDD – 0.7
V
Port Output Low Voltage
IOL = 8.5 mA
0.6
V
Input High Voltage
0.7 x VDD
V
Input Low Voltage
0.3 x VDD
V
A/D CONVERTER
Resolution
10
bits
Integral Nonlinearity
±1
LSB
Differential Nonlinearity
Guaranteed Monotonic
±1
LSB
Signal-to-Noise Plus
Distortion
59
dB
Throughput Rate
100
ksps
Input Voltage Range
0
VREF
V
COMPARATORS
Response Time
| (CP+) – (CP-) | = 100 mV
4
µs
Input Voltage Range
–0.25
VDD + 0.25
V
Input Bias Current
–5
0.001
+5
nA
Input Offset Voltage
–10
+10
mV
Package Information
A
A1
A2
b
D
D1
e
E
E1
-
0.05
0.95
0.17
-
-
-
-
-
-
-
1.00
0.22
16.00
14.00
0.50
16.00
14.00
1.20
0.15
1.05
0.27
-
-
-
-
-
MIN
(mm)
NOM
(mm)
MAX
(mm)
100
e
A1
b
A2
A
PIN 1
DESIGNATOR
1
E1
E
D1
D
C8051F020DK Development Kit


Similar Part No. - C8051F022

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F022 ETC-C8051F022 Datasheet
51Kb / 2P
   Mixed-Signal 64KB ISP FLASH MCU
logo
Silicon Laboratories
C8051F022 SILABS-C8051F022 Datasheet
4Mb / 272P
   8K ISP FLASH MCU Family
C8051F022 SILABS-C8051F022 Datasheet
1Mb / 16P
   The C8051F12x series is pin compatible
More results

Similar Description - C8051F022

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F044 SILABS-C8051F044 Datasheet
438Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F042 SILABS-C8051F042 Datasheet
431Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F045 SILABS-C8051F045 Datasheet
410Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F023 SILABS-C8051F023 Datasheet
194Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F043 SILABS-C8051F043 Datasheet
418Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F133 SILABS-C8051F133 Datasheet
178Kb / 2P
   100 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F040 SILABS-C8051F040 Datasheet
435Kb / 2P
   25 MIPS, 64 kB Flash, 12-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F062 SILABS-C8051F062 Datasheet
433Kb / 2P
   25 MIPS, 64 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F018 SILABS-C8051F018 Datasheet
420Kb / 2P
   25 MIPS, 16 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F060-GQR SILABS-C8051F060-GQR Datasheet
442Kb / 2P
   25 MIPS, 64 kB Flash, 16-Bit ADC, 100-Pin Mixed-Signal MCU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com