Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F122 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # C8051F122
Description  100 MIPS, 128 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F122 Datasheet(HTML) 2 Page - Silicon Laboratories

  C8051F122 Datasheet HTML 1Page - Silicon Laboratories C8051F122 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Precision Mixed Signal
Copyright © 2004 by Silicon Laboratories
10.6.2004
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
C8051F122
100 MIPS, 128 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
Selected Electrical Specifications
(TA = –40 to +85 C°, VDD = 3.0 V unless otherwise specified)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GLOBAL CHARACTERISTICS
Supply Voltage
3.0
3.6
V
Supply Current
(CPU active)
Clock = 100 MHz
Clock = 1 MHz
Clock = 32 kHz
50
0.6
16
mA
mA
µA
Supply Current
(shutdown)
Oscillator off; VDD Monitor Enabled
Oscillator off; VDD Monitor Disabled
10
0.4
µA
µA
Clock Frequency Range
DC
100
MHz
INTERNAL CLOCKS
Oscillator Frequency
24.0
24.5
25.0
MHz
PLL Frequency
96
98
100
MHz
A/D CONVERTER
Resolution
10
bits
Integral Nonlinearity
±1
LSB
Differential Nonlinearity
Guaranteed Monotonic
±1
LSB
Signal-to-Noise Plus
Distortion
59
dB
Throughput Rate
100
ksps
D/A CONVERTERS
Resolution
12
bits
Differential Nonlinearity
Guaranteed Monotonic
±1
LSB
Output Settling Time
10
µS
Package Information
A
A1
A2
b
D
D1
e
E
E1
-
0.05
0.95
0.17
-
-
-
-
-
-
-
1.00
0.22
16.00
14.00
0.50
16.00
14.00
1.20
0.15
1.05
0.27
-
-
-
-
-
MIN
(mm)
NOM
(mm)
MAX
(mm)
100
e
A1
b
A2
A
PIN 1
DESIGNATOR
1
E1
E
D1
D
C8051F120DK Development Kit


Similar Part No. - C8051F122

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F122 SILABS-C8051F122 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F122 SILABS-C8051F122 Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
C8051F122 SILABS-C8051F122 Datasheet
1Mb / 16P
   The C8051F12x series is pin compatible
C8051F122 SILABS-C8051F122 Datasheet
6Mb / 350P
   8K ISP FLASH MCU Family
Rev. 1.5
C8051F122-GQ SILABS-C8051F122-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F122

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F130 SILABS-C8051F130 Datasheet
184Kb / 2P
   100 MIPS, 128 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F131 SILABS-C8051F131 Datasheet
175Kb / 2P
   100 MIPS, 128 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F126 SILABS-C8051F126 Datasheet
176Kb / 2P
   50 MIPS, 128 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F123 SILABS-C8051F123 Datasheet
179Kb / 2P
   100 MIPS, 128 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F124 SILABS-C8051F124 Datasheet
175Kb / 2P
   50 MIPS, 128 kB Flash, 12-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F132 SILABS-C8051F132 Datasheet
184Kb / 2P
   100 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F121 SILABS-C8051F121 Datasheet
179Kb / 2P
   100 MIPS, 128 kB Flash, 12-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F121-GQR SILABS-C8051F121-GQR Datasheet
187Kb / 2P
   100 MIPS, 128 kB Flash, 12-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F133 SILABS-C8051F133 Datasheet
178Kb / 2P
   100 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F044 SILABS-C8051F044 Datasheet
438Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com