Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23L8103XI-70 Datasheet(PDF) 2 Page - Macronix International

Part # MX23L8103XI-70
Description  8M-BIT MASK ROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L8103XI-70 Datasheet(HTML) 2 Page - Macronix International

  MX23L8103XI-70 Datasheet HTML 1Page - Macronix International MX23L8103XI-70 Datasheet HTML 2Page - Macronix International MX23L8103XI-70 Datasheet HTML 3Page - Macronix International MX23L8103XI-70 Datasheet HTML 4Page - Macronix International MX23L8103XI-70 Datasheet HTML 5Page - Macronix International MX23L8103XI-70 Datasheet HTML 6Page - Macronix International MX23L8103XI-70 Datasheet HTML 7Page - Macronix International MX23L8103XI-70 Datasheet HTML 8Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
P/N:PM0622
REV. 1.7, MAY 03, 2004
MX23L8103
MODE SELECTION
CE#
OE#
Byte#
D15/A-1
D0~D7
D8~D15
Mode
Power
H
X
X
X
High Z
High Z
-
Stand-by
L
H
X
X
High Z
High Z
-
Active
L
L
H
Output
D0~D7
D8~D15
Word
Active
L
L
L
Input
D0~D7
High Z
Byte
Active
48 mini BGA (Top View, Ball Down)
ORDER INFORMATION
Part No.
Speed
Package
Grade
MX23L8103TC-70
70ns
48 pin TSOP
Commercial
MX23L8103TC-90
90ns
48 pin TSOP
Commercial
MX23L8103TC-12
120ns
48 pin TSOP
Commercial
MX23L8103TI-70
70ns
48 pin TSOP
Industrial
MX23L8103TI-90
90ns
48 pin TSOP
Industrial
MX23L8103TI-12
120ns
48 pin TSOP
Industrial
MX23L8103XI-70
70ns
48 ball mini BGA
Industrial
MX23L8103XI-90
90ns
48 ball mini BGA
Industrial
MX23L8103XI-12
120ns
48 ball mini BGA
Industrial
A1
A3
A2
A7
A3
NC
A4
NC
A5
A9
A6
A13
B1
A4
B2
A17
B3
NC
B4
NC
B5
A8
B6
A12
C1
A2
C2
A6
C3
A18
C4
NC
C5
A10
C6
A14
D1
A1
D2
A5
D3
NC
D4
NC
D5
A11
D6
A15
E1
A0
E2
D0
E3
D2
E4
D5
E5
D7
E6
A16
F1
CE#
F2
D8
F3
D10
F4
D12
F5
D14
F6
BYTE#
G1
OE#
G2
D9
G3
D11
G4
Vcc
G5
D13
G6
D15/A-1
H1
Vss
H2
D1
H3
D3
H4
D4
H5
D6
H6
Vss
6.0 mm
8.0 mm
Note: Industrial grade temperature: -40 ~ 85
° C
Commercial grade temperature: 0 ~ 70
° C


Similar Part No. - MX23L8103XI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L8100 MCNIX-MX23L8100 Datasheet
733Kb / 9P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23L8100MC-10 MCNIX-MX23L8100MC-10 Datasheet
733Kb / 9P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23L8100MC-12 MCNIX-MX23L8100MC-12 Datasheet
733Kb / 9P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23L8100MC-15 MCNIX-MX23L8100MC-15 Datasheet
733Kb / 9P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23L8100PC-10 MCNIX-MX23L8100PC-10 Datasheet
733Kb / 9P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
More results

Similar Description - MX23L8103XI-70

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008_05 Datasheet
190Kb / 9P
   8M-bit Mask ROM
logo
Generalplus Technology ...
GPR23L800D GENERALPLUS-GPR23L800D Datasheet
354Kb / 8P
   8M-BIT MASK ROM
logo
Macronix International
MX23L8102 MCNIX-MX23L8102 Datasheet
156Kb / 6P
   8M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR008 SONIX-SNR008 Datasheet
324Kb / 9P
   8M-bit Mask ROM
logo
Macronix International
MX23L8000 MCNIX-MX23L8000 Datasheet
329Kb / 7P
   8M-BIT MASK ROM (8 BIT OUTPUT)
MX23C8100 MCNIX-MX23C8100 Datasheet
731Kb / 9P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23L8051 MCNIX-MX23L8051 Datasheet
217Kb / 13P
   8M-BIT [8M x 1] CMOS SERIAL MASK-ROM
MX23L8111 MCNIX-MX23L8111 Datasheet
772Kb / 11P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23L8100 MCNIX-MX23L8100 Datasheet
733Kb / 9P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
logo
Samsung semiconductor
KM23V8105D SAMSUNG-KM23V8105D Datasheet
91Kb / 5P
   8M-Bit (1Mx8 /512Kx16) CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com