Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R47E Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT46R47E
Description  Cost-Effective A/D Type 8-Bit MCU
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R47E Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT46R47E Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R47E Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R47E Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R47E Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R47E Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R47E Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R47E Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R47E Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R47E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
HT46R47E/HT46C47E
Cost-Effective A/D Type 8-Bit MCU
Rev. 1.30
1
July 13, 2005
General Description
The HT46R47E/HT46C47E are 8-bit, high perfor-
mance, RISC architecture microcontroller devices spe-
cifically designed for A/D applications that interface
directly to analog signals, such as those from sensors.
The mask version HT46C47E is fully pin and function-
ally compatible with the OTP version HT46R47E de-
vice.
There are two dice in the HT46R47E/HT46C47E pack-
age: one is the HT46R47/HT46C47 MCU, the other is a
128
´8 bits EEPROM used for data memory purpose.
The two dice are wire-bonded to form HT46R47E/
HT46C47E.
The advantages of low power consumption, I/O flexibil-
ity, programmable frequency divider, timer functions,
oscillator options, multi-channel A/D Converter, Pulse
Width Modulation function, HALT and wake-up func-
tions, enhance the versatility of these devices to suit a
wide range of A/D application possibilities such as sen-
sor signal processing, motor driving, industrial control,
consumer products, subsystem controllers, etc.
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.3V~5.5V
· 13 bidirectional I/O lines (max.)
· 1 interrupt input shared with an I/O line
· 8-bit programmable timer/event counter with overflow
interrupt and 7-stage prescaler
· On-chip crystal and RC oscillator
· Watchdog Timer
· 2048´14 program memory
· 64´8 data memory RAM
· 128´8 data EEPROM
· Supports PFD for sound generation
· HALT function and wake-up feature reduce power
consumption
· Up to 0.5ms instruction cycle with 8MHz system clock
at VDD=5V
· Six-level subroutine nesting
· 4 channels 9-bit resolution A/D converter
· 1 channel 8-bit PWM output shared with an I/O line
· Bit manipulation instruction
· 14-bit table read instruction
· 63 powerful instructions
· All instructions in one or two machine cycles
· Low voltage reset function
· 18-pin DIP/SOP package
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0049E Read and Write Control of the HT1380
- HA0051E Li Battery Charger Demo Board - Using the HT46R47
- HA0052E Microcontroller Application - Battery Charger
- HA0083E Li Battery Charger Demo Board - Using the HT46R46
- HA0085E 8-bit Pseudo-Random Number Generator


Similar Part No. - HT46R47E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R47E HOLTEK-HT46R47E Datasheet
542Kb / 73P
   Cost-Effective A/D Type 8-Bit MCU
More results

Similar Description - HT46R47E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46E HOLTEK-HT46R46E_07 Datasheet
542Kb / 73P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46 HOLTEK-HT46R46 Datasheet
291Kb / 42P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46 HOLTEK-HT46R46_08 Datasheet
580Kb / 77P
   Cost-Effective A/D Type 8-Bit MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com