Electronic Components Datasheet Search |
|
MAX1027BCEE-T Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
MAX1027BCEE-T Datasheet(HTML) 2 Page - Maxim Integrated Products |
2 / 23 page 10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS (VDD = +2.7V to +3.6V, fSAMPLE = 300kHz, fSCLK = 4.8MHz (50% duty cycle), VREF = 2.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. VDD to GND ..............................................................-0.3V to +6V CS, SCLK, DIN, EOC, DOUT to GND.........-0.3V to (VDD + 0.3V) AIN0–AIN13, REF-/AIN_, CNVST/AIN_, REF+ to GND.........................................-0.3V to (VDD + 0.3V) Maximum Current into Any Pin............................................50mA Continuous Power Dissipation (TA = +70°C) 16-Pin QSOP (derate 8.3mW/°C above +70°C)...........667mW 20-Pin QSOP (derate 9.1mW/°C above +70°C)...........727mW 24-Pin QSOP (derate 9.5mW/°C above +70°C)...........762mW 28-Pin TQFN 5mm x 5mm (derate 20.8mW/°C above +70°C) ........................1667mW Operating Temperature Ranges MAX10__C__.......................................................0°C to +70°C MAX10__E__ ....................................................-40°C to +85°C Storage Temperature Range .............................-60°C to +150°C Junction Temperature ......................................................+150°C Lead Temperature (soldering, 10s) .................................+300°C PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS DC ACCURACY (Note 1) Resolution RES 10 Bits Integral Nonlinearity INL ±1.0 LSB Differential Nonlinearity DNL No missing codes over temperature ±1.0 LSB Offset Error ±0.5 ±2.0 LSB Gain Error (Note 2) ±0.5 ±2.0 LSB Offset Error Temperature Coefficient ±2 ppm/°C FSR Gain Temperature Coefficient ±0.8 ppm/°C Channel-to-Channel Offset Matching ±0.1 LSB DYNAMIC SPECIFICATIONS (10kHz sine wave input, 2.5VP-P, 300ksps, fSCLK = 4.8MHz) Signal-to-Noise Plus Distortion SINAD 70 dB Total Harmonic Distortion THD Up to the 5th harmonic -82 dBc Spurious-Free Dynamic Range SFDR 80 dBc Intermodulation Distortion IMD fin1 = 9.9kHz, fin2 = 10.2kHz 76 dBc Full-Power Bandwidth -3dB point 1 MHz Full-Linear Bandwidth S / (N + D) > 68dB 25 kHz |
Similar Part No. - MAX1027BCEE-T |
|
Similar Description - MAX1027BCEE-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |