Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33389 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MC33389
Description  System Basis Chip with Low Speed Fault Tolerant CAN
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33389 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC33389 Datasheet HTML 6Page - Motorola, Inc MC33389 Datasheet HTML 7Page - Motorola, Inc MC33389 Datasheet HTML 8Page - Motorola, Inc MC33389 Datasheet HTML 9Page - Motorola, Inc MC33389 Datasheet HTML 10Page - Motorola, Inc MC33389 Datasheet HTML 11Page - Motorola, Inc MC33389 Datasheet HTML 12Page - Motorola, Inc MC33389 Datasheet HTML 13Page - Motorola, Inc MC33389 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
MC33389
MOTOROLA
10
MC33389
DEVICE DESCRIPTION
Thermal Management
The MC33389 is proposed in two different packages.
HSOP20 for high power applications and SO28WB with 8 pins
to the leadframe for medium power applications.
HSOP20 Package
For such a package, the heat flow is mainly vertical and
each heat source (dissipating element) can be seen as an
independent thermal resistance to the Heatsink. The thermal
network can be roughly depicted as:
Figure 2. HSOP20 Simplified Thermal Model
Example
Assuming IV1=100mA at Vbat=16V,
IV2=150mA at Vbat=16V (Excluding CAN consumption).
ICAN=50mA at Vbat=16V, we have :
PV1=1.1W, PV2=1.65W, Pcan=0.55W
System assumptions:
If Tamb=85°C and Rthc/a=18°C/W, this gives:
Tcase=Tamb+Rth c/a x 3.3W = 85+18 x 3.3=145°C
and TjV1=TjV2=Tjcan=155°C.
This example represents the limit for the maximum power
dissipations with a HSOP20.
Tambient
Tcase(heatsink)
V1 power
V2 power
Can power
Tj (max 155°C)
Rthj/c=18°C/W
6.5°C/W
9°C/W
Rthc/a (ECU supplier dependent)
SO28WB Package
The case(pin) to junction Rth is here represented by only
one thermal resistance for the total power since the 3 power
sources strongly interact on the silicon for such a package.
Figure 3. SO28WB Simplified Thermal Model
Example
Assuming IV1=45mA at Vbat=16V,
IV2=45mA at Vbat=16V (Excluding CAN consumption).
ICAN=50mA at Vbat=16V, we have :
PV1=0.5W, PV2=0.5W, Pcan=0.55W thus Ptotal=1.55W
System assumptions:
If Tamb=85°C and Rthc/a=25°C/W, this gives:
Tcase=Tamb+Rthc/a x 1.55W=85+25x1.55 =124°C
and TjV1=124 + 20 x 1.55= 155°C.
This example represents the limit for the maximum power
dissipations with a SO28WB.
Tcase(pin)
Tj (max 155°C)
Total power
Rthc/a
Tambient
Rthj/c=20°C/W
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33389

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33389CDH FREESCALE-MC33389CDH Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
MC33389CDHR2 FREESCALE-MC33389CDHR2 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
MC33389CDW FREESCALE-MC33389CDW Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
MC33389CDWR2 FREESCALE-MC33389CDWR2 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
MC33389CVW FREESCALE-MC33389CVW Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
More results

Similar Description - MC33389

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33389 FREESCALE-33389 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
33889 FREESCALE-33889 Datasheet
2Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
Motorola, Inc
PC33889 MOTOROLA-PC33889 Datasheet
464Kb / 30P
   System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
   SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com