Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33389CDH Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC33389CDH
Description  System Basis Chip with Low Speed Fault Tolerant CAN
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33389CDH Datasheet(HTML) 3 Page - Motorola, Inc

  MC33389CDH Datasheet HTML 1Page - Motorola, Inc MC33389CDH Datasheet HTML 2Page - Motorola, Inc MC33389CDH Datasheet HTML 3Page - Motorola, Inc MC33389CDH Datasheet HTML 4Page - Motorola, Inc MC33389CDH Datasheet HTML 5Page - Motorola, Inc MC33389CDH Datasheet HTML 6Page - Motorola, Inc MC33389CDH Datasheet HTML 7Page - Motorola, Inc MC33389CDH Datasheet HTML 8Page - Motorola, Inc MC33389CDH Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
MC33389
MOTOROLA
3
MC33389
ELECTRICAL PARAMETERS Vbat=5.5V to 18V, -40°< Tj < 150°C, unless otherwise specified
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Vbat PIN
Nominal Vbat Operating Range
5.5
18
V
Functional Vbat Operating Range
5.5
27
V
Vbat Threshold for BatFail Flag
BatFail
2
4
V
0<V1<5,1V
Delay for Signalling BatFail
Tfail
150
400
µs
Vbat<BatFail, measured
from Vbat low to INT active
Overvoltage Vbat Threshold
BAThigh
18
20
22
V
Delay for Setting BAThigh Flag
Thigh
418
50
µsVbat>BatHigh
Supply Current in Sleep Mode
Isleep1
75
125
µA
Forced Wake-up and Cyclic
Sense Disabled
Vbat=12V,Tj = 25°C to150°C
Supply Current in Sleep Mode
Isleep2
210
µA
Forced Wake-up and Cyclic
Sense Disabled
Vbat=12V, Tj = -40°C to 25°C
Supply current in sleep mode
Isleep3
105
155
µA
Forced Wake-up or Cyclic
Sense Enabled. Vbat=12V, Tj =
25°C to 150°C
Supply Current in Sleep Mode
Isleep4
250
Forced Wake-up or Cyclic
Sense Enabled
Vbat12V, Tj -40 to 25°C,
Supply Current in Sleep Mode
Isleep5
300
Forced Wake-up or Cyclic
Sense Enabled. Vbat 6V to 16V,
Tj -40 to 150°C
Supply Current in Standby Mode
Istb2
0.5
1
mA
Supply Current in Normal Mode
Inrec
3.5
7
mA
Normal Mode with
I(V1)=I(V2)=0
Bus in Recessive State
V1 PIN 5V
Output Voltage
V1nom
4.8555.15
V
0mA<Iout<100mA
5.5V<Vbat<27V
Output Voltage
V1
4.8
5
5.2
V
Iout=<100mA
27V<Vbat<40V
Drop Voltage
V1drop
0.35
0.5
V
Iout=100mA (Note 4)
Output Current Limitation
I1max
130
170
200
mA
V1nom-100mV
V1 Overtemp Shut-off Threshold
TV1h
160
190
°C
Junction Temperature
V1 Pre-warning Temp Threshold
TV1l
130
160
°C
Junction Temperature
Temperature Threholds Difference
TV1h-TV1l
20
40
°C
Reset Threshold on V1 (A and C
versions)
Vr1
4.1
4.3
4.8
V
5.5V<Vbat<27V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33389CDH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33389CDH FREESCALE-MC33389CDH Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
MC33389CDHR2 FREESCALE-MC33389CDHR2 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
More results

Similar Description - MC33389CDH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33389 FREESCALE-33389 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
33889 FREESCALE-33889 Datasheet
2Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
Motorola, Inc
PC33889 MOTOROLA-PC33889 Datasheet
464Kb / 30P
   System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
   SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com