Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48E30 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT48E30
Description  I/O Type 8-Bit MTP MCU With EEPROM
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48E30 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT48E30 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48E30 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48E30 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48E30 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48E30 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48E30 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48E30 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48E30 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48E30 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
ISTB1
Standby Current (WDT Enabled)
3V
No load*, system HALT
¾¾
10
mA
5V
¾¾
15
mA
ISTB2
Standby Current (WDT Disabled)
3V
No load*, system HALT
¾¾
3
mA
5V
¾¾
5
mA
VIL1
Input Low Voltage for I/O Ports
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLVR
Low Voltage Reset Voltage
¾
LVR enabled
2.7
3.0
3.3
V
IOL
I/O Port Sink Current
3V
VOL=0.1VDD
48
¾
mA
5V
VOL=0.1VDD
10
20
¾
mA
IOH
I/O Port Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
VOH=0.9VDD
-5
-10
¾
mA
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
5V
¾
10
30
50
k
W
Note:
²*² All tests are conducted with the I/O pins setup as outputs and set to a low value.
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS1
System Clock (Crystal OSC)
¾
2.2V~5.5V
400
¾
4000
kHz
¾
3.3V~5.5V
400
¾
8000
kHz
fSYS2
System Clock (RC OSC)
¾
2.2V~5.5V
400
¾
4000
kHz
¾
3.3V~5.5V
400
¾
8000
kHz
fTIMER
Timer I/P Frequency (TMR)
¾
2.2V~5.5V
0
¾
4000
kHz
¾
3.3V~5.5V
0
¾
8000
kHz
tWDTOSC
Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
¾
32
65
130
ms
tWDT1
Watchdog Time-out Period
(WDT OSC)
3V
Without WDT prescaler
11
23
46
ms
5V
8
17
33
ms
tWDT2
Watchdog Time-out Period
(System Clock)
¾
Without WDT prescaler
¾
1024
¾
tSYS
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾
Wake-up from HALT
¾
1024
¾
tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
HT48E30
Rev. 1.20
4
March 3, 2006


Similar Part No. - HT48E30

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48E06 HOLTEK-HT48E06 Datasheet
346Kb / 43P
   8-Bit I/O Type MCU (With EEPROM)
HT48E10 HOLTEK-HT48E10 Datasheet
325Kb / 41P
   I/O Type 8-Bit MTP MCU With EEPROM
HT48E10 HOLTEK-HT48E10 Datasheet
304Kb / 42P
   I/O Type 8-Bit MTP MCU With EEPROM
HT48E10_0610 HOLTEK-HT48E10_0610 Datasheet
304Kb / 42P
   I/O Type 8-Bit MTP MCU With EEPROM
HT48E50 HOLTEK-HT48E50 Datasheet
303Kb / 46P
   I/O Type 8-Bit MTP MCU With EEPROM
More results

Similar Description - HT48E30

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48E50 HOLTEK-HT48E50 Datasheet
303Kb / 46P
   I/O Type 8-Bit MTP MCU With EEPROM
HT48E10_0610 HOLTEK-HT48E10_0610 Datasheet
304Kb / 42P
   I/O Type 8-Bit MTP MCU With EEPROM
HT48E10 HOLTEK-HT48E10 Datasheet
325Kb / 41P
   I/O Type 8-Bit MTP MCU With EEPROM
HT48E70 HOLTEK-HT48E70 Datasheet
315Kb / 44P
   I/O Type 8-Bit MTP MCU With EEPROM
HT48E06 HOLTEK-HT48E06 Datasheet
346Kb / 43P
   8-Bit I/O Type MCU (With EEPROM)
48E30 HOLTEK-48E30 Datasheet
351Kb / 44P
   8-Bit I/O Type MCU (With EEPROM)
HT68F20 HOLTEK-HT68F20_10 Datasheet
1Mb / 232P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20_1006 HOLTEK-HT68F20_1006 Datasheet
1Mb / 236P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20 HOLTEK-HT68F20 Datasheet
1Mb / 210P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT48R70A-1 HOLTEK-HT48R70A-1_07 Datasheet
301Kb / 39P
   I/O Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com