Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL41-160 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TGL41-160
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TGL41-160 Datasheet(HTML) 1 Page - Vishay Siliconix

  TGL41-160 Datasheet HTML 1Page - Vishay Siliconix TGL41-160 Datasheet HTML 2Page - Vishay Siliconix TGL41-160 Datasheet HTML 3Page - Vishay Siliconix TGL41-160 Datasheet HTML 4Page - Vishay Siliconix TGL41-160 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TGL41-6.8 thru TGL41-200A
Vishay Semiconductors
formerly General Semiconductor
Document Number 88403
www.vishay.com
03-May-02
1
Surface Mount TRANSZORB
®
Transient Voltage Suppressors
Breakdown Voltage 6.8 to 200V
Peak Pulse Power 400W
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Peak pulse power dissipation with a
PPPM
Minimum 400
W
10/1000
µs waveform(1)(Fig. 1)
Steady state power dissipation at TL = 75°C
(2)
PM(AV)
1.0
W
Peak pulse current with a 10/1000
µs waveform(1)(Fig. 3)
IPPM
See Next Table
A
Peak forward surge current, 8.3 ms single half sine-wave
IFSM
40
A
unidirectional only(3)
Maximum instantaneous forward voltage at 25A for
VF
3.5
V
unidirectional only
Operating junction and storage temperature range
TJ, TSTG
–55 to +150
°C
Notes: (1) Non-repetitive current pulse, per Fig.3 and derated above TA = 25°C per Fig. 2. Rating is 200W above 91V.
(2) Mounted on copper pads to each terminal of 0.31 in2 (8.0 mm2) per Fig. 5
(3) Measured at 8.3ms single half sine-wave or equivalent square wave duty cycle = 4 pulses per minute maximum
SOLDERABLE ENDS
1st BAND
0.022 (0.56)
0.018 (0.46)
0.205 (5.2)
0.185(4.7)
D1=
0.105
0.095
(2.67)
(2.41)
D2 = D1 + 0
- 0.008 (0.20)
1st band denotes type and positive end (cathode)
D2
0.022 (0.56)
0.018 (0.46)
Dimensions in inches
and (millimeters)
DO-213AB (GL41)
Features
• Plastic package has Underwriters Laboratory
Flammability Classificaion 94V-0
• For surface mounted applications
• Glass passivated junction
• Excellent clamping capability
• Low incremental surge resistance
• Very fast response time
• 400W peak pulse capability with a 10/1000
µs waveform,
repetition rate (duty cycle): 0.01% (200W above 91V)
• For devices with V(BR)
≥10V, ID are typically less
than 1.0
µA
• High temperature soldering guaranteed: 250°C/10
seconds at terminals
• Available in unidirectional only
Mechanical Data
Case: JEDEC DO-213AB molded plastic body over
passivated junction
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
High temperature soldering guaranteed:
250°C/10 seconds at terminals
Polarity: Blue bands denotes the cathode which is
positive with respect to the anode under normal TVS
operation
Mounting Position: Any
Weight: 0.0046 oz., 0.166 g
Packaging codes/options:
26/5K per 13" Reel (12mm tape), 60K/box
46/1.5K per 7" Reel (12mm tape), 30K/box
Mounting Pad Layout
0.157 (4.00)
0.118 (3.00) MIN
MAX
0.256 (6.50)
REF
0.049 (1.25) MIN


Similar Part No. - TGL41-160

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TGL41-160 DIOTEC-TGL41-160 Datasheet
164Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Microsemi Corporation
TGL41-160 MICROSEMI-TGL41-160 Datasheet
189Kb / 4P
   500 Watt Transient Voltage Suppressor
TGL41-160 MICROSEMI-TGL41-160 Datasheet
197Kb / 4P
   500 Watt Transient Voltage Suppressor
logo
Diotec Semiconductor
TGL41-160 DIOTEC-TGL41-160 Datasheet
135Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
TAITRON Components Inco...
TGL41-160 TAITRON-TGL41-160 Datasheet
217Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
More results

Similar Description - TGL41-160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com