Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBA-4086Z Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SBA-4086Z
Description  DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SBA-4086Z Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SBA-4086Z Datasheet HTML 1Page - List of Unclassifed Manufacturers SBA-4086Z Datasheet HTML 2Page - List of Unclassifed Manufacturers SBA-4086Z Datasheet HTML 3Page - List of Unclassifed Manufacturers SBA-4086Z Datasheet HTML 4Page - List of Unclassifed Manufacturers SBA-4086Z Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
EDS-102821 Rev.D
Preliminary
SBA-4086 DC-5GHz Cascadable MMIC Amplifier
303 South Technology Ct., Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
Typical RF Performance at Key Operating Frequencies
Frequency (MHz)
Test Conditions:
Symbol
Parameter
Unit
100
500
850
1950
2400
3500
G
Small Signal Gain
dB
15.2
15.0
14.8
14.2
12.4
12.1
OIP
3
Output Third Order Intercept Point
dBm
37.1
36.3
36.5
33.5
32.7
29.7
P
1dB
Output Power at 1dB Compression
dBm
19.0
19.1
19.1
19.0
18.3
16.4
IRL
Input Return Loss
dB
36
28
25
21
19.7
17
ORL
Output Return Loss
dB
21
21
21.0
20.5
19.6
20.2
S
12
Reverse Isolation
dB
18
18
18
18
19
20
NF
Noise Figure
dB
4.7
4.7
4.6
4.8
4.9
5.0
Frequency (MHz)
Test Conditions:
V
S = 8 V
I
D = 80 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = 0 dBm
R
BIAS = 39 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms
Absolute Maximum Ratings
Preliminary Data Sheet
Parameter
Absolute Limit
Max. Device Current (I
D)
1
30 mA
Max. Device Voltage (V
D)6 V
Max. RF Input Power
+17 dBm
Max Operating Dissipated
Power
0.65 W
Max. Junction Temp. (T
J)
+150°C
Operating Temp
. Range (T
L)
-40°C to +85°C
Max. Storage Temp.
+150°C
Operation of this device beyond any one of these limits may
cause permanent damage. For reliable continous operation,
the device voltage and current must not exceed the maximum
operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
I
DVD < (TJ - TL) / RTH, j-l
T
L=TLEAD
P1dB vs Frequency
11
13
15
17
19
21
00.5
11.5
22.5
33.5
Frequency (GHz)
+25c
-40c
+85c
NF vsFrequency
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
5.50
6.00
6.50
7.00
00.5
11.522.5
33.5
Frequency(GHz)
+25c
-40c
+85c
IP3 vs Frequency
22
24
26
28
30
32
34
36
38
40
0
0.5
1
1.5
2
2.5
3
3.5
Frequency (GHz)
+25c
-40c
+85c


Similar Part No. - SBA-4086Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SBA-4086Z SIRENZA-SBA-4086Z Datasheet
281Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
RF Micro Devices
SBA-4086ZSR RFMD-SBA-4086ZSR Datasheet
596Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
More results

Similar Description - SBA-4086Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
NGA-486 SIRENZA-NGA-486 Datasheet
391Kb / 5P
   DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-5089 ETC-SBA-5089 Datasheet
681Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBA-5089 SIRENZA-SBA-5089 Datasheet
309Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SBA-5086 SIRENZA-SBA-5086 Datasheet
284Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SBA-4086 SIRENZA-SBA-4086 Datasheet
281Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
Stanford Microdevices
NGA-486 STANFORD-NGA-486 Datasheet
271Kb / 4P
   DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBA-4089 SIRENZA-SBA-4089 Datasheet
314Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-4089 ETC-SBA-4089 Datasheet
685Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBW-5089 SIRENZA-SBW-5089 Datasheet
463Kb / 7P
   DC-8 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
NGA-589 SIRENZA-NGA-589 Datasheet
414Kb / 5P
   DC-5.5 GHZ, CASCADABLE INGAP/GAAS HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com