Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZ4220-H Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MAZ4220-H
Description  Silicon planar type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ4220-H Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MAZ4220-H Datasheet HTML 1Page - Panasonic Semiconductor MAZ4220-H Datasheet HTML 2Page - Panasonic Semiconductor MAZ4220-H Datasheet HTML 3Page - Panasonic Semiconductor MAZ4220-H Datasheet HTML 4Page - Panasonic Semiconductor MAZ4220-H Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Zener Diodes
2
MAZ4047(N)
4.42
4.66
4.90
MAZ4047(N)-L
4.42
4.52
4.61
2.0
1.0
80
5
800
0.5
−1.4
5
Yellow Purple Purple
MAZ4047(N)-M
4.55
4.65
4.75
MAZ4047(N)-H
4.69
4.80
4.90
MAZ4051(N)
4.84
5.11
5.38
MAZ4051(N)-L
4.84
4.94
5.04
1.0
2.0
60
5
500
0.5
−0.8
5
Green Brown Brown
MAZ4051(N)-M
4.98
5.10
5.21
MAZ4051(N)-H
5.15
5.27
5.38
MAZ4056(N)
5.32
5.62
5.92
MAZ4056(N)-L
5.32
5.44
5.55
0.5
2.5
40
5
200
0.5
1.2
5
Green Blue Blue
MAZ4056(N)-M
5.49
5.61
5.73
MAZ4056(N)-H
5.67
5.80
5.92
MAZ4062(N)
5.86
6.20
6.53
MAZ4062(N)-L
5.86
5.99
6.12
0.2
4.0
30
5
100
0.5
2.3
5
Blue
Red
Red
MAZ4062(N)-M
6.06
6.20
6.33
MAZ4062(N)-H
6.26
6.40
6.53
MAZ4068(N)
6.47
6.81
7.14
MAZ4068(N)-L
6.47
6.60
6.73
0.1
4.0
20
5
60
0.5
3.0
5
Blue Gray Gray
MAZ4068(N)-M
6.65
6.79
6.93
MAZ4068(N)-H
6.86
7.00
7.14
MAZ4075(N)
7.07
7.45
7.83
MAZ4075(N)-L
7.07
7.21
7.35
0.1
5.0
20
5
60
0.5
4.0
5
Purple Green Green
MAZ4075(N)-M
7.29
7.44
7.59
MAZ4075(N)-H
7.53
7.68
7.83
MAZ4082(N)
7.77
8.20
8.63
MAZ4082(N)-L
7.77
7.93
8.09
0.1
5.0
20
5
60
0.5
4.6
5
Gray
Red
Red
MAZ4082(N)-M
8.03
8.19
8.35
MAZ4082(N)-H
8.29
8.46
8.63
MAZ4091(N)
8.57
9.05
9.53
MAZ4091(N)-L
8.57
8.75
8.93
0.1
6.0
20
5
60
0.5
5.5
5
White Brown Brown
MAZ4091(N)-M
8.86
9.04
9.22
MAZ4091(N)-H
9.15
9.34
9.53
MAZ4100(N)
9.47
10.01
10.54
MAZ4100(N)-L
9.47
9.66
9.85
0.05
7.0
30
5
60
0.5
6.4
5
Brown Black
MAZ4100(N)-M
9.79
9.99
10.19
MAZ4100(N)-H
10.12
10.33
10.54
MAZ4110(N)
10.45
11.01
11.56
MAZ4110(N)-L
10.45
10.66
10.87
0.05
8.0
30
5
60
0.5
7.4
5
Brown Brown
MAZ4110(N)-M
10.77
10.99
11.21
MAZ4110(N)-H
11.10
11.33
11.56
MAZ4120(N)
11.43
12.01
12.58
MAZ4120(N)-L
11.43
11.66
11.89
0.05
9.0
30
5
80
0.5
8.4
5
Brown Red
MAZ4120(N)-M
11.75
11.99
12.23
MAZ4120(N)-H
12.08
12.33
12.58
MAZ4130(N)
12.46
13.21
13.96
MAZ4130(N)-L
12.46
12.74
13.02
0.05
10.0
35
5
80
0.5
9.4
5
Brown Orange
MAZ4130(N)-M
12.90
13.19
13.48
MAZ4130(N)-H
13.36
13.66
13.96
I Electrical characteristics within part numbers T
a
= 25°C
Part Number
Zener voltage
Reverse current
Operating resistance
VZ (V)
IR
RZ
RZK
SZ
IZ = 5 mA
(
µA)
VR
(
Ω)I
Z
(
Ω)I
Z
(mV/
°C) I
Z
Min
Nom
Max
Max
(V)
Max
(mA)
Max
(mA)
Typ
(mA)
1st.
2nd.
3rd.
MAZ4000N Series
Temperature
coefficient of
zener voltage
Marking
Color indication
Main body:
light purple





Similar Part No. - MAZ4220-H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ4220-H PANASONIC-MAZ4220-H Datasheet
76Kb / 6P
   Silicon planar type
MAZ4220-H PANASONIC-MAZ4220-H Datasheet
107Kb / 7P
   Silicon planar type
More results

Similar Description - MAZ4220-H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com