Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74SSTU32864 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74SSTU32864
Description  25-Bit 1:1 or 14-Bit 1:2 Configurable Registered Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74SSTU32864 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74SSTU32864 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74SSTU32864 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74SSTU32864 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74SSTU32864 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74SSTU32864 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74SSTU32864 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74SSTU32864 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74SSTU32864 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74SSTU32864 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
PS8636B
07/26/04
Features
• PI74 SSTU32864 is designed for low-voltage operation,
VDD = 1.8V
• Supports Low Power Standby Operation
• All Inputs are SSTL_18 Compatible, except RST, C0, C1,
which are LVCMOS.
• Output drivers are optimized to drive DDR-II DIMM loads
• Designed for DDR Memory
• Packaging (Pb-free & Green available):
-96 Ball LFBGA (NB)
Block Diagram 1:2 Mode (Positive Logic)
PI74SSTU32864
25-Bit 1:1 or 14-Bit 1:2 Configurable
Registered Buffer
TO OTHER CHANNELS
CK
CK
RST
1D
C1
R
QCKEA
QCKEB*
QODTA
1D
C1
R
Q1A
Q1B*
QCSB*
QCSA
1D
C1
R
1D
C1
R
QODTB*
VREF
DCKE
DODT
DCS
CSR
D1
Note: Disabled in 1:1 configuration
0
1
Description
PericomSemiconductor’sPI74SSTU32864logiccircuitisproduced
using advanced CMOS technology. This 25-Bit 1:1 or 14-Bit 1:2
configurable registered buffer is designed for 1.7V to 1.9V VDD
operation.
All clock and data inputs are compatible with the JEDEC standard
for SSTL_18. The control inputs are LVCMOS. All outputs are
1.8V LVCMOS drivers that have been optimized to drive the
DDR-II DIMM load.
The SSTU32864 operates from a differential clock (CK and CK).
Data is registered at the crossing of CK going high, and CK going
low.
The C0 input controls the pinout configuration of the 1:2 pinout
from A configuration (when LOW) to B configuration (when
HIGH). The C1 input controls the pinout configuration for 25-Bit
1:1 (when LOW) to 14-Bit 1:2 (when HIGH).
The device supports low-power standby operation. When the reset
input (RST) is low, the differential input receivers are disabled and
undriven (floating) data, clock and reference voltage (VREF) inputs
are allowed. In addition , when RST is low, all registers are reset,
and all outputs are forced low. The LVCMOS RST and Cn inputs
must always be held at a valid logic high or low level.
To ensure defined outputs from the register before a stable clock has
been supplied, RST must be held in the low state during power up.
IntheDDR-IIRDIMMapplication,RSTisspecifiedtobecompletely
asynchronous with respect to CK and CK. Therefore, no timing
relationship can be guaranteed between the two. When entering
reset, the register will be cleared and the outputs will be driven
low quickly, relative to the time to disable the differential input
receivers. However, when coming out of reset, the register will
become active quickly, relative to the time to enable the differential
input receivers.
As long as the data inputs are low, and the clock is stable during
the time from the low-to-high transition of RST until the input
receivers are fully enabled, the design of the SSTU32864 must
ensure that the outputs remain low, thus ensuring no glitches on
the output.
The device monitors both DCS and CSR inputs and will gate the
Qn outputs from changing states when both DCS and CSR inputs
are high. If either DCS or CSR input is low, the Qn outputs will
functionnormally.TheRSTinputhaspriorityovertheDCSandCSR
control will force the outputs low. If the DCS control functionality
is not desired, then the CSR input can be hardwired to ground,
in which case, the set-up time requirement for DCS would be the
same as for the other D data inputs.


Similar Part No. - PI74SSTU32864

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74SSTU32864A PERICOM-PI74SSTU32864A Datasheet
596Kb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Configurable Registered BufferTOOTHERCHANNELSCKCKRST1DC1RQCKEAQCKEB
PI74SSTU32864ANB PERICOM-PI74SSTU32864ANB Datasheet
596Kb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Configurable Registered BufferTOOTHERCHANNELSCKCKRST1DC1RQCKEAQCKEB
PI74SSTU32864ANBE PERICOM-PI74SSTU32864ANBE Datasheet
596Kb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Configurable Registered BufferTOOTHERCHANNELSCKCKRST1DC1RQCKEAQCKEB
More results

Similar Description - PI74SSTU32864

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTUG32866 NXP-SSTUG32866 Datasheet
158Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer
Rev. 01-29 June 2007
logo
Pericom Semiconductor C...
PI74SSTU32864A PERICOM-PI74SSTU32864A Datasheet
596Kb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Configurable Registered BufferTOOTHERCHANNELSCKCKRST1DC1RQCKEAQCKEB
logo
NXP Semiconductors
SSTU32866 PHILIPS-SSTU32866 Datasheet
166Kb / 29P
   1.8 V 25-bit 1:1 or 14-bit 1:2 configurable registered buffer with parity for DDR2 RDIMM applications
Rev. 02-11 November 2004
logo
Pericom Semiconductor C...
PI74SSTUA32864 PERICOM-PI74SSTUA32864 Datasheet
1Mb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Confi gurable Registered Buff er
logo
Hitachi Semiconductor
HD74SSTV16857 HITACHI-HD74SSTV16857 Datasheet
138Kb / 15P
   1:1 14-bit SSTL-2 Registered Buffer
logo
NXP Semiconductors
SSTUM32866 NXP-SSTUM32866 Datasheet
158Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
Rev. 01-29 June 2007
SSTUA32866 PHILIPS-SSTUA32866 Datasheet
143Kb / 27P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
Rev. 01-15 July 2005
SSTUB32866 NXP-SSTUB32866_10 Datasheet
248Kb / 30P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 04-15 April 2010
SSTUA32866 NXP-SSTUA32866 Datasheet
161Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
Rev. 02-26 March 2007
SSTUB32866 PHILIPS-SSTUB32866 Datasheet
154Kb / 29P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 02-9 October 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com