Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74SSTU32864 Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI74SSTU32864
Description  25-Bit 1:1 or 14-Bit 1:2 Configurable Registered Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74SSTU32864 Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI74SSTU32864 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74SSTU32864 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74SSTU32864 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74SSTU32864 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74SSTU32864 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74SSTU32864 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74SSTU32864 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74SSTU32864 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI74SSTU32864 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
PS8636B
07/26/04
PI74SSTU32864
25-Bit 1:1 or 14-Bit 1:2
Configurable Buffer
Packaging Mechanical: 96-ball LFBGA (NB)
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
Ordering Information
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
2. Number of Transistors = TBD
Ordering Code
Package Code
Package Type
PI74SSTU32864NB
NB
96-Ball LFBGA
PI74SSTU32864NBE
NB
Pb-free & Green, 96-Ball LFBGA


Similar Part No. - PI74SSTU32864

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74SSTU32864A PERICOM-PI74SSTU32864A Datasheet
596Kb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Configurable Registered BufferTOOTHERCHANNELSCKCKRST1DC1RQCKEAQCKEB
PI74SSTU32864ANB PERICOM-PI74SSTU32864ANB Datasheet
596Kb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Configurable Registered BufferTOOTHERCHANNELSCKCKRST1DC1RQCKEAQCKEB
PI74SSTU32864ANBE PERICOM-PI74SSTU32864ANBE Datasheet
596Kb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Configurable Registered BufferTOOTHERCHANNELSCKCKRST1DC1RQCKEAQCKEB
More results

Similar Description - PI74SSTU32864

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTUG32866 NXP-SSTUG32866 Datasheet
158Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer
Rev. 01-29 June 2007
logo
Pericom Semiconductor C...
PI74SSTU32864A PERICOM-PI74SSTU32864A Datasheet
596Kb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Configurable Registered BufferTOOTHERCHANNELSCKCKRST1DC1RQCKEAQCKEB
logo
NXP Semiconductors
SSTU32866 PHILIPS-SSTU32866 Datasheet
166Kb / 29P
   1.8 V 25-bit 1:1 or 14-bit 1:2 configurable registered buffer with parity for DDR2 RDIMM applications
Rev. 02-11 November 2004
logo
Pericom Semiconductor C...
PI74SSTUA32864 PERICOM-PI74SSTUA32864 Datasheet
1Mb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Confi gurable Registered Buff er
logo
Hitachi Semiconductor
HD74SSTV16857 HITACHI-HD74SSTV16857 Datasheet
138Kb / 15P
   1:1 14-bit SSTL-2 Registered Buffer
logo
NXP Semiconductors
SSTUM32866 NXP-SSTUM32866 Datasheet
158Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
Rev. 01-29 June 2007
SSTUA32866 PHILIPS-SSTUA32866 Datasheet
143Kb / 27P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
Rev. 01-15 July 2005
SSTUB32866 NXP-SSTUB32866_10 Datasheet
248Kb / 30P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 04-15 April 2010
SSTUA32866 NXP-SSTUA32866 Datasheet
161Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
Rev. 02-26 March 2007
SSTUB32866 PHILIPS-SSTUB32866 Datasheet
154Kb / 29P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 02-9 October 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com