Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

531EA622M080BGR Datasheet(PDF) 10 Page - Silicon Laboratories

Part # 531EA622M080BGR
Description  CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

531EA622M080BGR Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button 531EA622M080BGR Datasheet HTML 2Page - Silicon Laboratories 531EA622M080BGR Datasheet HTML 3Page - Silicon Laboratories 531EA622M080BGR Datasheet HTML 4Page - Silicon Laboratories 531EA622M080BGR Datasheet HTML 5Page - Silicon Laboratories 531EA622M080BGR Datasheet HTML 6Page - Silicon Laboratories 531EA622M080BGR Datasheet HTML 7Page - Silicon Laboratories 531EA622M080BGR Datasheet HTML 8Page - Silicon Laboratories 531EA622M080BGR Datasheet HTML 9Page - Silicon Laboratories 531EA622M080BGR Datasheet HTML 10Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Si530/531
10
Preliminary Rev. 0.4
CONTACT INFORMATION
Silicon Laboratories Inc.
4635 Boston Lane
Austin, TX 78735
Tel: 1+(512) 416-8500
Fax: 1+(512) 416-9669
Toll Free: 1+(877) 444-3032
Email: VCXOinfo@silabs.com
Internet: www.silabs.com
Silicon Laboratories, Silicon Labs, and DSPLL are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders.
The information in this document is believed to be accurate in all respects at the time of publication but is subject to change without notice.
Silicon Laboratories assumes no responsibility for errors and omissions, and disclaims responsibility for any consequences resulting from
the use of information included herein. Additionally, Silicon Laboratories assumes no responsibility for the functioning of undescribed features
or parameters. Silicon Laboratories reserves the right to make changes without further notice. Silicon Laboratories makes no warranty, rep-
resentation or guarantee regarding the suitability of its products for any particular purpose, nor does Silicon Laboratories assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation conse-
quential or incidental damages. Silicon Laboratories products are not designed, intended, or authorized for use in applications intended to
support or sustain life, or for any other application in which the failure of the Silicon Laboratories product could create a situation where per-
sonal injury or death may occur. Should Buyer purchase or use Silicon Laboratories products for any such unintended or unauthorized ap-
plication, Buyer shall indemnify and hold Silicon Laboratories harmless against all claims and damages.


Similar Part No. - 531EA622M080BGR

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
531 INTEL-531 Datasheet
1Mb / 96P
   Pentium 4 Processors Supporting Hyper-Threading Technology
logo
Marl International Limi...
531 MARL-531 Datasheet
317Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
logo
Oscilent Corporation
531 OSCILENT-531 Datasheet
142Kb / 3P
   HCMOS / TTL / Clipped Sine
logo
GS Yuasa Battery Sales ...
531 GSYUASABATTERY-531 Datasheet
359Kb / 1P
   Capacity (20-hour) 135Ah
logo
OEN India Limited
531-1A-06D0 OENINDIA-531-1A-06D0 Datasheet
98Kb / 3P
   HEAVY DUTY RELAY
More results

Similar Description - 531EA622M080BGR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI533 SILABS-SI533 Datasheet
225Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI534 SKYWORKS-SI534 Datasheet
512Kb / 12P
   QUAD FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI532 SILABS-SI532 Datasheet
173Kb / 10P
   DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
SI550 SILABS-SI550 Datasheet
207Kb / 12P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Silicon image
550AD30M7200DG SILICONIMAGE-550AD30M7200DG Datasheet
114Kb / 15P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Skyworks Solutions Inc.
SI550 SKYWORKS-SI550 Datasheet
514Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com