Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C512-15NI Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IS61C512-15NI
Description  64K x 8 HIGH-SPEED CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61C512-15NI Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IS61C512-15NI Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61C512-15NI Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61C512-15NI Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61C512-15NI Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61C512-15NI Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61C512-15NI Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61C512-15NI Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61C512-15NI Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IS61C512
4
Integrated Circuit Solution Inc.
SR011-0B
READ CYCLE SWITCHING CHARACTERISTICS(1)
(Over Operating Range)
-15 ns
-20 ns
-25 ns
-35 ns
Symbol Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
15
20
25
35
ns
tAA
Address Access Time
15
20
25
35
ns
tOHA
Output Hold Time
3
3
3
3
ns
tACE1
CE1 Access Time
15
20
25
35
ns
tACE2
CE2 Access Time
15
20
25
35
ns
tDOE
OE Access Time
7
8
9
12
ns
tLZOE
(2)
OE to Low-Z Output
0
0
0
0
ns
tHZOE
(2)
OE to High-Z Output
0
6
0
9
0
10
0
12
ns
tLZCE1
(2)
CE1 to Low-Z Output
2
3
3
3
ns
tLZCE2
(2)
CE2 to Low-Z Output
2
3
3
3
ns
tHZCE
(2)
CE1 or CE2 to High-Z Output
0
8
0
9
0
10
0
12
ns
tPU
(3)
CE1 or CE2 to Power-Up
0
0
0
0
ns
tPD
(3)
CE1 or CE2 to Power-Down
12
18
20
20
ns
Notes:
1.
Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V
and output loading specified in Figure 1a.
2.
Tested with the load in Figure 1b.
Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3.
Not 100% tested.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
3 ns
Input and Output Timing
1.5V
and Reference Level
Output Load
See Figures 1a and 1b
AC TEST LOADS
Figure 1a.
Figure 1b.
1213
5 pF
Including
jig and
scope
1378
OUTPUT
3.3V
1213
100 pF
Including
jig and
scope
1378
OUTPUT
3.3V


Similar Part No. - IS61C512-15NI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C5128AL ISSI-IS61C5128AL Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AL-10KI ISSI-IS61C5128AL-10KI Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AL-10KLI ISSI-IS61C5128AL-10KLI Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AL-10TI ISSI-IS61C5128AL-10TI Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AL-10TLI ISSI-IS61C5128AL-10TLI Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C512-15NI

ManufacturerPart #DatasheetDescription
logo
Winbond
W24512A WINBOND-W24512A Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W24512A1111 WINBOND-W24512A1111 Datasheet
200Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com